Electronic Components Datasheet Search
  English  ▼

X  

MAX9526 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9526
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9526 Datasheet HTML 5Page - Maxim Integrated Products MAX9526 Datasheet HTML 6Page - Maxim Integrated Products MAX9526 Datasheet HTML 7Page - Maxim Integrated Products MAX9526 Datasheet HTML 8Page - Maxim Integrated Products MAX9526 Datasheet HTML 9Page - Maxim Integrated Products MAX9526 Datasheet HTML 10Page - Maxim Integrated Products MAX9526 Datasheet HTML 11Page - Maxim Integrated Products MAX9526 Datasheet HTML 12Page - Maxim Integrated Products MAX9526 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
_______________________________________________________________________________________
9
Pin Description
PIN
QSOP
TQFN-EP
NAME
FUNCTION
130
VIN1
Single-Ended Composite Video Input 1. AC-couple the input video signal with a 0.1µF
capacitor.
231
VREF
Video Reference Bypass. Bypass VREF to AGND with a 0.1µF capacitor as close as
possible to the device.
332
VIN2
Single-Ended Composite Video Input 2. AC-couple the input video signal with a 0.1µF
capacitor.
4
1
AGND
Analog Ground
5
2
AVDD
Analog Power-Supply Input. Connect to a +1.8V supply. Bypass AVDD to AGND with a
0.1µF capacitor.
6
3
XTAL2
External Crystal. Connect XTAL2 to one terminal of the crystal oscillator. Ground XTAL2
when applying an external clock to XTAL/OSC.
7
4
XTAL/OSC
External Crystal/Oscillator. Connect XTAL/OSC to one terminal of a crystal or an
external clock source. Connect XTAL2 to the other terminal of the crystal oscillator.
8
5
I.C.
Internal connection. Connect to DGND.
9
6
DEVADR
I2C Device Address Select Input. Connect to DVDD, DGND, or SDA to select 1 of 3
available I2C slave addresses (see Table 5).
10, 22
7, 21
DVDD
Digital Power-Supply Input. Connect to a +1.8V supply. Bypass DVDD to DGND with a
0.1µF capacitor in parallel with a 10µF capacitor.
11, 23
8, 22
DGND
Digital Ground. Connect both DGND terminals together.
12
10
SDA
I2C-Compatible Serial-Data Input/Output. Connect a 10k
Ω pullup resistor from SDA to
DVDDIO for full output swing.
13
11
SCL
I
2C-Compatible Serial-Clock Input. Connect a 10k
Ω pullup resistor from SCL to
DVDDIO for full output swing.
14
12
IRQ
Hardware Interrupt Open-Drain Output. If not masked,
IRQ is pulled low when the bits
in the status register change state. Repeated faults have no effect on
IRQ until IRQ is
cleared by reading the corresponding status register. Connect a 10k
Ω pullup resistor
from
IRQ to DVDDIO for full output swing.
15–20, 25–28
13–16, 18,
19, 24, 26,
27, 28
D0–D9
Digital Video Outputs Bit 0–Bit 9, 10-Bit Component Digital Video Outputs. The output
format is 10-bit ITU-R BT.656, 4:2:2 with embedded sync. D1 and D0 can be
configured as horizontal and vertical sync outputs using the Clock and Output register
0x0D. D0 is LSB.
21
20
LLC
Line-Locked 27MHz Clock Output. With line-locked mode, the LLC clock varies in
response to horizontal line rate of the incoming video. In async mode, the LLC clock is
synchronous to the crystal (see Table 1).
24
23
DVDDIO
Digital I/O Power-Supply Input. Accepts a +1.7V to +3.45V voltage input. Bypass to
DGND with a 0.1µF capacitor.
—
9, 17, 25, 29
N.C.
No Connection. Not internally connected.
—
—
EP
Exposed Pad. EP is internally connected to GND. Connect EP to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com