Electronic Components Datasheet Search
  English  ▼

X  

MAX9526 Datasheet(PDF) 29 Page - Maxim Integrated Products

Part # MAX9526
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526 Datasheet(HTML) 29 Page - Maxim Integrated Products

Back Button MAX9526 Datasheet HTML 25Page - Maxim Integrated Products MAX9526 Datasheet HTML 26Page - Maxim Integrated Products MAX9526 Datasheet HTML 27Page - Maxim Integrated Products MAX9526 Datasheet HTML 28Page - Maxim Integrated Products MAX9526 Datasheet HTML 29Page - Maxim Integrated Products MAX9526 Datasheet HTML 30Page - Maxim Integrated Products MAX9526 Datasheet HTML 31Page - Maxim Integrated Products MAX9526 Datasheet HTML 32Page - Maxim Integrated Products MAX9526 Datasheet HTML 33Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
______________________________________________________________________________________
29
ADC-Only Mode (RAWADC)
1 = D9–D0 are the ADC outputs directly without being
processed by video demodulator.
0 = D9–D0 are 10-bit YCbCr component video
(default).
With RAWADC = 1, the D9–D0 output data rate is
54Msps and the LLC clock output is 54MHz. Figure 16
shows the typical setup and hold timings of the output
signals with RAWADC = 1.
LLC can optionally be inverted by setting LLCINV = 1 in
register 0x0D, B5.
With RAWADC = 1 the ADC outputs are filtered with the
digital lowpass filter before being routed to D9–D0. The
ADC outputs can be directly connected to D9–D0 with-
out filtering by setting RAWADC = 1 and DISAAFLT = 1
in register 0x0F, B5.
REG
B7
B6
B5
B4
B3
B2
B1
B0
0x0C
RAWADC
0
TGEnab
TGTIM
TGSRC
0
CBAR
Color Test Signal Register
D9–D0
LLC
(54MHz)
~8ns
~18.5ns
~8ns
Figure 16. Typical Setup and Hold Timings in RAWADC Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com