Electronic Components Datasheet Search
  English  ▼

X  

MAX9526 Datasheet(PDF) 32 Page - Maxim Integrated Products

Part # MAX9526
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526 Datasheet(HTML) 32 Page - Maxim Integrated Products

Back Button MAX9526 Datasheet HTML 28Page - Maxim Integrated Products MAX9526 Datasheet HTML 29Page - Maxim Integrated Products MAX9526 Datasheet HTML 30Page - Maxim Integrated Products MAX9526 Datasheet HTML 31Page - Maxim Integrated Products MAX9526 Datasheet HTML 32Page - Maxim Integrated Products MAX9526 Datasheet HTML 33Page - Maxim Integrated Products MAX9526 Datasheet HTML 34Page - Maxim Integrated Products MAX9526 Datasheet HTML 35Page - Maxim Integrated Products MAX9526 Datasheet HTML 36Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
32
______________________________________________________________________________________
Disable Digital Anti-Aliasing Filter (DISAAFILT)
Disable the digital anti-aliasing filter following the ADC.
1 = Disables filter.
0 = Enables filter (default).
Sync Slicing Level (SSLICE)
Sets the sync slicing level.
1111 = Slice at 240 (decimal), near the blanking level.
1000 = Slice at 128 (decimal), near the center of the
sync (default).
0100 = Slice at 64 (decimal), about 25% of the sync.
0000 = Slice at 0 (decimal), near the bottom of the
sync.
All values between 0000 and 1111 are valid.
REG
B7
B6
B5
B4
B3
B2
B1
B0
0x0E
0
0
LLC_MODE
PLLBYP
PLLBW
PLL Control Register
REG
B7
B6
B5
B4
B3
B2
B1
B0
0x0F
0
0
DISAAFILT
1
SSLICE
Miscellaneous Register
Line-Locked Clock Mode (LLC_MODE)
0X = Async mode or line-locked mode is set automati-
cally (default).
10 = PLL is forced to line-locked mode.
11 = PLL is forced to async mode.
PLL Bypass Mode (PLLBYP)
When PLLBYP = 1, the ADC and the decoder use the
input crystal or clock (XTAL/OSC, XTAL2) directly.
1 = Bypass the PLL.
0 = PLL is enabled (default).
Line-Locked PLL Tracking Speed (PLLBW)
PLLBW controls a digital loop filter that sets the band-
width of the line-locked PLL.
000 = 180Hz
001 = 250Hz
010 = 375Hz
011 = 500Hz (default)
100 = 750Hz
101 = 1kHz
110 = 1.5kHz
111 = 2kHz
LLC
D9–D2
HS
2 CLK
1 CLK
VS = 1
VS = 0
2 CLK
Figure 17. Horizontal Sync Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com