Electronic Components Datasheet Search
  English  ▼

X  

MAX9526 Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX9526
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526 Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX9526 Datasheet HTML 26Page - Maxim Integrated Products MAX9526 Datasheet HTML 27Page - Maxim Integrated Products MAX9526 Datasheet HTML 28Page - Maxim Integrated Products MAX9526 Datasheet HTML 29Page - Maxim Integrated Products MAX9526 Datasheet HTML 30Page - Maxim Integrated Products MAX9526 Datasheet HTML 31Page - Maxim Integrated Products MAX9526 Datasheet HTML 32Page - Maxim Integrated Products MAX9526 Datasheet HTML 33Page - Maxim Integrated Products MAX9526 Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
30
______________________________________________________________________________________
OUTPUT OF DECODER
DESCRIPTION
STDSEL
REGISTER
0x04
B7-5
AUTOD
REGISTER
0x04
B4
TGENAB
REGISTER
0x0C
B5
TGTIM
REGISTER
0x0C
B4
TGSRC
REGISTER
0x0C
B3
NO VIDEO
INPUT
VALID VIDEO
INPUT
Default mode, test pattern
has last timing standard
used at output
0X0
1
0
X
X
Test pattern
Decoded input
Force test pattern with last
timing standard used at
output
0X0
1
1
X
1
Test pattern
Test pattern
Force test pattern with
50Hz timing
XXX
X
1
0
0
50Hz test
pattern
50Hz test pattern
Force test pattern with
60Hz timing
XXX
X
1
1
0
60Hz test
pattern
60Hz test pattern
Force 50Hz timing for
decoding and test pattern
X0X
0
0
X
X
50Hz test
pattern
Decoded input
with 50Hz timing
Force 60Hz timing for
decoding and test pattern
X1X
0
0
X
X
60Hz test
pattern
Decoded input
with 60Hz timing
Table 8. Output Test Signal Setup
Test Pattern Generation
In default mode, the MAX9526 outputs a test pattern
when video is removed. The timing standard for the test
pattern is the last timing standard that is at the output of
the decoder. If the MAX9526 is reset and has no video
inputs, the default output timing standard is 525 lines
(60Hz). See register 0x04 for manually configuring the
video standard decoding. Table 8 gives some common
examples of setting up video standards and test pat-
tern generation.
Test Pattern Enable (TGEnab)
1 = Force a test pattern at video output.
0 = Output a test pattern if no video is present at the
video inputs (default).
Test Signal Output Timing Standard (TGTIM)
1 = 525 line, 60Hz frame rate.
0 = 625 line, 50Hz frame rate (default).
This bit is ignored if TGSRC = 1.
Test Signal Timing Source (TGSRC)
1 = Test generator uses timing from incoming video
signal (if signal is valid).
0 = Test generator uses internally generated timing
(default).
Color Bar Select (CBAR)
00 = Black screen (default)
01 = Blue screen
10 = 75% color bars
11 = 100% color bars



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com