Electronic Components Datasheet Search
  English  ▼

X  

MAX9526 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX9526
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX9526 Datasheet HTML 23Page - Maxim Integrated Products MAX9526 Datasheet HTML 24Page - Maxim Integrated Products MAX9526 Datasheet HTML 25Page - Maxim Integrated Products MAX9526 Datasheet HTML 26Page - Maxim Integrated Products MAX9526 Datasheet HTML 27Page - Maxim Integrated Products MAX9526 Datasheet HTML 28Page - Maxim Integrated Products MAX9526 Datasheet HTML 29Page - Maxim Integrated Products MAX9526 Datasheet HTML 30Page - Maxim Integrated Products MAX9526 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
______________________________________________________________________________________
27
Video Auto-Select (AUTOSEL)
1 = Automatically selects video input with activity
detect.
When activity is present on both or neither VIN1 and
VIN2 after a reset (POR, register reset, sleep mode,
shutdown), VIN1 is selected. If there is activity on VIN2
and no activity on VIN1, then VIN2 is selected. When
VIN2 is automatically selected with the presence of
activity, the input switches to VIN1 only when activity
goes away on VIN2.
0 = Video input is selected manually (default).
See INSEL (register 0x09, B6) for manual input selection.
Manual Video Input Select (INSEL)
1 = Select VIN2.
0 = Select VIN1 (default).
Video autoselect bit (AUTOSEL) must be 0 for this reg-
ister to take effect.
Analog DC Restoration Current Range
(DCRESTORE_RANGE)
This bit sets the full-scale range of the DC restoration
DAC. Increasing the full-scale current range increases
the bandwidth and range of the DC restoration loop.
10 = Slow (±3µA into video input coupling capacitor)
11 = Medium (±6µA into video input coupling capacitor)
00 = Medium-fast (±12µA into video input coupling
capacitor) (default)
01 = Fast (±24µA into video input coupling capacitor)
Digital Clamp Disable (D_CLMP_DIS)
This bit disables the digital clamp.
1 = Disables digital sync-tip clamp (default).
0 = Enables digital sync-tip clamp.
Enabling the digital clamp sets the sync level to code 0
(decimal) and gives higher frequency tracking of input
signals. If the digital clamp is enabled, the sync slice
level in register 0x0F should be adjusted accordingly to
provide equivalent noise rejection. Typically,
SSLICE[3:0] should be reduced by 2 LSBs when
D_CLMP_DIS is set to 1.
REG
B7
B6
B5
B4
B3
B2
B1
B0
0x09
AUTOSEL
INSEL
DCRESTORE_RANGE
0
0
D_CLMP_DIS
0
Video Input Select and Clamp Control Register
REG
B7
B6
B5
B4
B3
B2
B1
B0
0x0A
CRAGC
CMPAGC
0
ADAGC
AGCGAIN
Gain-Control Register
Chrominance AGC Disable (CRAGC)
1 = Chroma gain is frozen.
0 = Automatic chroma gain is based on color burst
level
(default).
To freeze the chroma gain at the default value of 17
(hex), set CRAGC = 1 and apply a soft reset.
Composite AGC Disable (CMPAGC)
1 = Digital composite gain frozen at default value
(80 (hex)).
0 = Automatic digital composite gain based on sync
level (default).
Disable Analog Automatic Gain Control (ADAGC)
1 = Analog automatic gain control is disabled.
0 = Analog automatic gain control is enabled (default).
The analog automatic gain-control (AGC) loop adjusts
the AGC gain to optimally use the available ADC full-
scale range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com