Electronic Components Datasheet Search
  English  ▼

X  

MAX9526 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9526
Description  Low-Power, High-Performance NTSC/PAL Video Decoder
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9526 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9526 Datasheet HTML 1Page - Maxim Integrated Products MAX9526 Datasheet HTML 2Page - Maxim Integrated Products MAX9526 Datasheet HTML 3Page - Maxim Integrated Products MAX9526 Datasheet HTML 4Page - Maxim Integrated Products MAX9526 Datasheet HTML 5Page - Maxim Integrated Products MAX9526 Datasheet HTML 6Page - Maxim Integrated Products MAX9526 Datasheet HTML 7Page - Maxim Integrated Products MAX9526 Datasheet HTML 8Page - Maxim Integrated Products MAX9526 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Low-Power, High-Performance
NTSC/PAL Video Decoder
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VAVDD = VDVDD = +1.8V, VDVDDIO = +3.3V, AGND = DGND = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CRYSTAL OSCILLATOR
Frequency
Fundamental mode only
27.000
MHz
XTAL/OSC, XTAL2 Input
Capacitance
CXTAL,
CXTAL2
4pF
Maximum Load Capacitor
CL1, CL2
45
pF
Frequency Accuracy
±50
ppm
XTAL/OSC Logic-Low Threshold
VIL
XTAL oscillator disabled, clock input mode
(XTALDIS = 1)
0.3 x
VDVDD
V
XTAL/OSC Logic-High Threshold
VIH
XTAL oscillator disabled, clock input mode
(XTALDIS = 1)
0.7 x
VDVDD
V
XTAL/OSC Input Leakage Current
IIH, IIL
XTAL oscillator disabled, clock input mode
(XTALDIS = 1)
-10
±0.01
+10
µA
Maximum Input Clock Jitter
500
psP-P
I2C SERIAL INTERFACE (Note 6)
Serial-Clock Frequency
fSCL
0
400
kHz
Bus Free Time Between STOP
and START Conditions
tBUF
1.3
µs
Hold Time (REPEATED) START
Condition
tHD,STA
0.6
µs
SCL Pulse-Width Low
tLOW
1.3
µs
SCL Pulse-Width High
tHIGH
0.6
µs
Setup Time for a REPEATED
START Condition
tSU,STA
0.6
µs
Data Hold Time
tHD,DAT
0
900
ns
Data Setup Time
tSU,DAT
100
ns
SDA and SCL Receiving Rise
Time (Note 7)
tR
20 +
0.1CB
300
ns
SDA and SCL Receiving Fall
Time (Note 7)
tF
20 +
0.1CB
300
ns
VDVDDIO = 3.3V
20 +
0.1CB
250
SDA Transmitting Fall Time
(Note 7)
tF
VDVDDIO = 1.8V
150
ns
Setup Time for STOP Condition
tSU,STO
0.6
µs
Bus Capacitance
CB
400
pF
Pulse Width of Suppressed Spike
tSP
050
ns
HIGH-SPEED LOGIC OUTPUTS (D9–D0, LLC)
IOL = 5mA, VDVDDIO = 3.3V
0.4
Output Low Voltage
VOL
IOL = 2mA, VDVDDIO = 1.7V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com