Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9547 Datasheet HTML 32Page - Analog Devices AD9547 Datasheet HTML 33Page - Analog Devices AD9547 Datasheet HTML 34Page - Analog Devices AD9547 Datasheet HTML 35Page - Analog Devices AD9547 Datasheet HTML 36Page - Analog Devices AD9547 Datasheet HTML 37Page - Analog Devices AD9547 Datasheet HTML 38Page - Analog Devices AD9547 Datasheet HTML 39Page - Analog Devices AD9547 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 104 page
background image
AD9547
Rev. 0 | Page 36 of 104
Note that history accumulation timer = 0 should not be pro-
grammed because it may cause improper device operation.
The control logic performs a calculation of the average tuning
word during the TAVG interval and stores the result in the holdover
history register (Address 0x0D14 to Address 0x0D19). Compu-
tation of the average for each TAVG interval is independent of the
previous interval (that is, the average is a memoryless average as
opposed to a true moving average). In addition, at the end of each
TAVG interval, the device generates an internal strobe pulse. The
strobe pulse sets the history updated bit in the IRQ monitor
register (assuming that the bit is enabled via the IRQ mask register).
Furthermore, the strobe pulse is available as an output signal via
the multifunction pins (see the Multifunction Pins (M0 to M7)
section).
History accumulation begins when the device switches to a new
reference. By default, the device clears any previous history when
it switches to a new reference. Furthermore, the user can clear
the tuning word history under software control using Bit 2 of
Register 0x0A03 or under hardware control via the multifunction
pins (see the Multifunction Pins (M0 to M7) section). However,
the user has the option of programming the device to retain
(rather than clear) the old history by setting the persistent
history bit (Register 0x031B, Bit 3).
When the tuning word history is nonexistent (that is, after
a power-up, reset, or switchover to a new reference with the
persistent history bit cleared), the device waits for the history
accumulation timer (TAVG) to expire before storing the first
history value in the holdover history register.
In cases where TAVG is quite large (4½ hours, for example), a
problem arises in that the first averaged result does not become
available until the full TAVG interval passes. Thus, it is possible
that as much as 4½ hours can elapse before the first averaged
result is available. If the device must switch to holdover during
this time, a tuning word history is not available.
To alleviate this problem, the user can access the incremental
average bits in the history mode register (Register 0x031B,
Bits[2:0]). If the history has been cleared, this 3-bit value, K
(0 ≤ K ≤ 7), specifies the number of intermediate averages to take
during the first, and only the first, TAVG interval. When K = 0, no
intermediate averages are calculated; therefore, the first average
occurs after Interval TAVG (the default operating mode). However,
if K = 4, for example, four intermediate averages are taken during
the first TAVG interval.
These average computations occur at TAVG/16, TAVG/8, TAVG/4,
TAVG/2, and TAVG (note that the denominator exhibits a sequence
of powers of 2 beginning with TAVG/2K). The calculation of inter-
mediate averages occurs only during the first TAVG interval. All
subsequent average computations occur at evenly spaced
intervals of TAVG.
LOOP CONTROL STATE MACHINE
The loop control state machine is responsible for monitoring,
initiating, and sequencing changes to the DPLL loop. Generally,
it automatically controls the transition between input references
and the entry and exit of holdover mode. In controlling loop state
changes, the state machine also arbitrates the application of new
loop filter coefficients, divider settings, and phase detector offsets
based on the profile settings. The user can manually force the
device into holdover or free-run mode via the loop mode register
(Address 0x0A01), as well as force the selection of a specific
input reference.
Switchover
Switchover occurs when the loop controller switches directly
from one input reference to another. Functionally, the AD9547
handles a reference switchover by briefly entering holdover mode
then immediately recovering. During the switchover event,
however, the AD9547 preserves the status of the lock detectors
in order to avoid phantom unlock indications.
Holdover
The holdover state of the DPLL is an open-loop operating mode;
that is, the device no longer operates as a closed-loop system.
Instead, the output frequency remains constant and is dependent
on the device programming and availability of the tuning word
history as explained in the following paragraphs.
If a tuning word history exists (see the Frequency Tuning Word
History section), the holdover frequency is the average frequency
just prior to entering the holdover state. If there is no tuning word
history, the holdover frequency depends on the state of the single
sample fallback bit in the history mode register (Register 0x031B,
Bit 4). If the single sample fallback bit is Logic 0, the holdover
frequency is the frequency defined in the free-running frequency
tuning word register (Address 0x0300 to Address 0x0305). If the
single sample fallback bit is Logic 1, the holdover frequency is the
last instantaneous frequency output by the DDS just prior to the
device entering holdover mode (note that this is not the average
frequency prior to holdover).
The initial holdover frequency accuracy depends on the loop
bandwidth of the DPLL and the time elapsed to compute a tuning
word history. The longer the historical average, the more accurate
the initial holdover frequency (assuming a drift-free system clock).
Furthermore, the stability of the system clock establishes the
stability and long-term accuracy of the holdover output frequency.
Another consideration is the 48-bit frequency tuning resolution
of the DDS and its relationship to fractional frequency error, ΔfO/fO.
O
S
O
O
f
f
f
f
49
2
=
Δ
In this equation, fS is the sample rate of the output DAC and fO
is the DDS output frequency. The worst-case scenario is maximum
fS (1 GHz) and minimum fO (62.5 MHz), which yields ΔfO/fO =
2.8 × 10−14, which is less than one part in ten trillion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com