Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 47 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD9547 Datasheet HTML 43Page - Analog Devices AD9547 Datasheet HTML 44Page - Analog Devices AD9547 Datasheet HTML 45Page - Analog Devices AD9547 Datasheet HTML 46Page - Analog Devices AD9547 Datasheet HTML 47Page - Analog Devices AD9547 Datasheet HTML 48Page - Analog Devices AD9547 Datasheet HTML 49Page - Analog Devices AD9547 Datasheet HTML 50Page - Analog Devices AD9547 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 104 page
background image
AD9547
Rev. 0 | Page 47 of 104
Table 27. EEPROM Controller Instruction Set
Instruction
Value (Hex)
Instruction Type
Bytes
Required
Description
0x00 to 0x7F
Data
3
A data instruction tells the controller to transfer data to or from the device settings
part of the register map. A data instruction requires two additional bytes that,
together, indicate a starting address in the register map. Encoded in the data
instruction is the number of bytes to transfer, which is one more than the
instruction value.
0x80
I/O update
1
When the controller encounters this instruction while downloading from the
EEPROM, it issues a soft I/O update (see Register 0x0005 in Table 42).
0xA0
Calibrate
1
When the controller encounters this instruction while downloading from the EEPROM,
it initiates a system clock calibration sequence (see Register 0x0A02 in Table 120).
0xA1
Distribution sync
1
When the controller encounters this instruction while downloading from the
EEPROM, it issues a sync pulse to the output distribution synchronization (see
Register 0x0A02 in Table 120).
0xB0 to 0xCF
Condition
1
0xB1 to 0xCF are condition instructions and correspond to Condition 1 to Condition 31,
respectively. 0xB0 is the null condition instruction. See the EEPROM Conditional
Processing section for details.
0xFE
Pause
1
When the controller encounters this instruction in the scratch pad while uploading
to the EEPROM, it resets the scratch pad address pointer and holds the EEPROM
address pointer at its last value. This allows storage of more than one instruction
sequence in the EEPROM. Note that the controller does not copy this instruction to
the EEPROM during upload.
0xFF
End
1
When the controller encounters this instruction in the scratch pad while uploading
to the EEPROM, it resets both the scratch pad address pointer and the EEPROM
address pointer and then enters an idle state.
When the controller encounters this instruction while downloading from the
EEPROM, it resets the EEPROM address pointer and then enters an idle state.
EEPROM Upload
To upload data to the EEPROM, the user must first ensure that
the write enable bit (Register 0x0E00, Bit 0) is set. Then, on set-
ting the autoclearing save to EEPROM bit (Register 0x0E02, Bit 0),
the controller initiates the EEPROM data storage process.
Uploading EEPROM data requires that the user first write an
instruction sequence into the scratch pad registers. During the
upload process, the controller reads the scratch pad data byte by
byte, starting at Register 0x0E10 and incrementing the scratch
pad address pointer as it goes, until it reaches a pause or end
instruction.
As the controller reads the scratch pad data, it transfers the
data from the scratch pad to the EEPROM (byte by byte) and
increments the EEPROM address pointer accordingly, unless it
encounters a data instruction. A data instruction tells the con-
troller to transfer data from the device settings portion of the
register map to the EEPROM. The number of bytes to transfer
is encoded within the data instruction, and the starting address
for the transfer appears in the next two bytes in the scratch pad.
When the controller encounters a data instruction, it stores the
instruction in the EEPROM, increments the EEPROM address
pointer, decodes the number of bytes to be transferred, and
increments the scratch pad address pointer. Then it retrieves
the next two bytes from the scratch pad (the target address) and
increments the scratch pad address pointer by 2. Next, the con-
troller transfers the specified number of bytes from the register
map (beginning at the target address) to the EEPROM.
When it completes the data transfer, the controller stores an extra
byte in the EEPROM to serve as a checksum for the transferred
block of data. To account for the checksum byte, the controller
increments the EEPROM address pointer by one more than the
number of bytes transferred. Note that, when the controller
transfers data associated with an active register, it actually
transfers the buffered contents of the register (see the
Buffered/Active Registers section for details on the difference
between buffered and active registers). This allows for the
transfer of nonzero autoclearing register contents.
Note that conditional processing does not occur during an
upload sequence (see the EEPROM Conditional Processing
section).
EEPROM Download
An EEPROM download results in a transfer of data from the
EEPROM to the device register map. To download data, the user
sets the autoclearing load from EEPROM bit (Register 0x0E03,
Bit 1). This commands the controller to initiate the EEPROM
download process. During download, the controller reads the
EEPROM data byte by byte, incrementing the EEPROM address
pointer as it goes, until it reaches an end instruction. As the con-
troller reads the EEPROM data, it executes the stored instructions,
which includes transferring stored data to the device settings
portion of the register map whenever it encounters a data
instruction.
Note that conditional processing is applicable only when down-
loading (see the EEPROM Conditional Processing section).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com