Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 96 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9547 Datasheet HTML 92Page - Analog Devices AD9547 Datasheet HTML 93Page - Analog Devices AD9547 Datasheet HTML 94Page - Analog Devices AD9547 Datasheet HTML 95Page - Analog Devices AD9547 Datasheet HTML 96Page - Analog Devices AD9547 Datasheet HTML 97Page - Analog Devices AD9547 Datasheet HTML 98Page - Analog Devices AD9547 Datasheet HTML 99Page - Analog Devices AD9547 Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 104 page
background image
AD9547
Rev. 0 | Page 96 of 104
Table 150. EEPROM Storage Sequence for Clock Distribution Settings
Address
Bit
Bit Name
Description
0x0E1B
[7:0]
Clock distribution
The default value of this register is 0x19, which the controller interprets as a data instruction. Its
decimal value is 25; this tells the controller to transfer 26 bytes of data (25 + 1) beginning at the
address specified by the next two bytes. The controller stores 0x19 in the EEPROM and
increments the EEPROM address pointer.
0x0E1C
[7:0]
Clock distribution
The default value of these two registers is 0x0400. Note that Register 0x0E1C and Register 0x0E1D
are the most significant and least significant bytes of the target address, respectively. Because
the previous register contains a data instruction, these two registers define a starting address
(in this case, 0x0400). The controller stores 0x0400 in the EEPROM and increments the EEPROM
pointer by 2. It then transfers 26 bytes from the register map (beginning at Address 0x0400) to
the EEPROM and increments the EEPROM address pointer by 27 (26 data bytes and one checksum
byte). The 26 bytes transferred correspond to the clock distribution parameters in the register map.
0x0E1D
[7:0]
0x0E1E
[7:0]
I/O update
The default value of this register is 0x80, which the controller interprets as an I/O update
instruction. The controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.
Table 151. EEPROM Storage Sequence for Reference Input Settings
Address
Bit
Bit Name
Description
0x0E1F
[7:0]
Reference inputs
The default value of this register is 0x07, which the controller interprets as a data instruction. Its
decimal value is 7, which tells the controller to transfer eight bytes of data (7 + 1), beginning at the
address specified by the next two bytes. The controller stores 0x07 in the EEPROM and increments
the EEPROM address pointer.
0x0E20
[7:0]
Reference inputs
The default value of these two registers is 0x0500. Note that Register 0x0E20 and Register 0x0E21
are the most significant and least significant bytes of the target address, respectively. Because
the previous register contains a data instruction, these two registers define a starting address
(in this case, 0x0500). The controller stores 0x0500 in the EEPROM and increments the EEPROM
pointer by 2. It then transfers eight bytes from the register map (beginning at Address 0x0500) to the
EEPROM and increments the EEPROM address pointer by nine (eight data bytes and one checksum
byte). The eight bytes transferred correspond to the reference inputs parameters in the register map.
0x0E21
[7:0]
Table 152. EEPROM Storage Sequence for Profile 0 and Profile 1 Settings
Address
Bit
Bit Name
Description
0x0E22
[7:0]
Profile 0 and Profile 1
The default value of this register is 0x63, which the controller interprets as a data instruction. Its
decimal value is 99, which tells the controller to transfer 100 bytes of data (99 + 1), beginning at the
address specified by the next two bytes. The controller stores 0x63 in the EEPROM and
increments the EEPROM address pointer.
0x0E23
[7:0]
Profile 0 and Profile 1
The default value of these two registers is 0x0600. Note that Register 0x0E23 and Register 0x0E24
are the most significant and least significant bytes of the target address, respectively. Because
the previous register contains a data instruction, these two registers define a starting address
(in this case, 0x0600). The controller stores 0x0600 in the EEPROM and increments the EEPROM
pointer by 2. It then transfers 100 bytes from the register map (beginning at Address 0x0600) to
the EEPROM and increments the EEPROM address pointer by 101 (100 data bytes and one checksum
byte). The 99 bytes transferred correspond to the Profile 0 and Profile 1 parameters in the
register map.
0x0E24
[7:0]
Table 153. EEPROM Storage Sequence for Profile 2 and Profile 3 Settings
Address
Bit
Bit Name
Description
0x0E25
[7:0]
Profile 2 and Profile 3
The default value of this register is 0x63, which the controller interprets as a data instruction. Its
decimal value is 99, which tells the controller to transfer 100 bytes of data (99 + 1), beginning at
the address specified by the next two bytes. The controller stores 0x63 in the EEPROM and
increments the EEPROM address pointer.
0x0E26
[7:0]
Profile 2 and Profile 3
The default value of these two registers is 0x0680. Note that Register (0x0E26 and Register 0x0E27
are the most significant and least significant bytes of the target address, respectively. Because
the previous register contains a data instruction, these two registers define a starting address
(in this case, 0x0680). The controller stores 0x0680 in the EEPROM and increments the EEPROM
pointer by 2. It then transfers 100 bytes from the register map (beginning at Address 0x0680) to
the EEPROM and increments the EEPROM address pointer by 101 (100 data bytes and one checksum
byte). The 99 bytes transferred correspond to the Profile 2 and Profile 3 parameters in the
register map.
0x0E27
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com