Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 88 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9547 Datasheet HTML 84Page - Analog Devices AD9547 Datasheet HTML 85Page - Analog Devices AD9547 Datasheet HTML 86Page - Analog Devices AD9547 Datasheet HTML 87Page - Analog Devices AD9547 Datasheet HTML 88Page - Analog Devices AD9547 Datasheet HTML 89Page - Analog Devices AD9547 Datasheet HTML 90Page - Analog Devices AD9547 Datasheet HTML 91Page - Analog Devices AD9547 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 104 page
background image
AD9547
Rev. 0 | Page 88 of 104
OPERATIONAL CONTROLS (REGISTER 0x0A00 TO REGISTER 0x0A10)
Table 118. General Power-Down
Address
Bit
Bit Name
Description
0x0A00
7
Reset sans regmap
Reset internal hardware but retain programmed register values.
0 (default) = normal operation.
1 = reset.
6
Unused
Unused.
5
SYSCLK power-down
Place SYSCLK input and PLL in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
4
Reference power-down
Place reference clock inputs in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
3
TDC power-down
Place the time-to-digital converter in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
2
DAC power-down
Place the DAC in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
1
Dist power-down
Place the clock distribution outputs in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
0
Full power-down
Place the entire device in deep sleep mode.
0 (default) = normal operation.
1 = power-down.
Table 119. Loop Mode
Address
Bit
Bit Name
Description
0x0A01
7
Unused
Unused.
6
User holdover
Force the device into holdover mode.
0 (default) = normal operation.
1 = force device into holdover mode.
The device functions as though all input references are faulted.
5
User free run
Force the device into free-run mode.
0 (default) = normal operation.
1 = force device into free-run mode.
The free-running frequency tuning word register (Address 0x0300 to Address 0x0305)
specifies the DDS output frequency.
Note that, when user free run is set, it overrides user holdover.
[4:3]
User selection mode
Select the operating mode of the reference switching state machine.
00 (default) = automatic mode. The fully automatic priority-based algorithm selects the
active reference (Bits[1:0] are ignored).
01 = fallback mode. The active reference is the user reference (Bits[1:0]) as long as it is valid.
Otherwise, use the fully automatic priority-based algorithm to select the active reference.
10 = holdover mode. The active reference is the user reference (Bits[1:0]) as long as it is
valid. Otherwise, enter holdover mode.
11 = manual mode. The active reference is always the user reference (Bits[1:0]). When using
manual mode, be sure that the reference declared as the user reference (Bits[1:0]) is
programmed for manual reference-to-profile assignment in the appropriate manual
reference profile selection register (Address 0x0503 and Address 0x0506).
2
Unused
Unused. Write a 0 to this bit.
[1:0]
User reference selection
Input reference when user selection mode = 01, 10, or 11.
00 (default) = Input Reference A.
01 = Input Reference AA.
10 = Input Reference B.
11 = Input Reference BB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com