Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9547 Datasheet HTML 40Page - Analog Devices AD9547 Datasheet HTML 41Page - Analog Devices AD9547 Datasheet HTML 42Page - Analog Devices AD9547 Datasheet HTML 43Page - Analog Devices AD9547 Datasheet HTML 44Page - Analog Devices AD9547 Datasheet HTML 45Page - Analog Devices AD9547 Datasheet HTML 46Page - Analog Devices AD9547 Datasheet HTML 47Page - Analog Devices AD9547 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 104 page
background image
AD9547
Rev. 0 | Page 44 of 104
STATUS AND CONTROL
MULTIFUNCTION PINS (M0 TO M7)
The AD9547 has eight digital CMOS I/O pins (M0 to M7) that are
configurable for a variety of uses. The function of these pins is
programmable via the register map. Each pin can control or moni-
tor an assortment of internal functions, based on the contents of
Register 0x0200 to Register 0x0207. To monitor an internal
function with a multifunction pin, write a Logic 1 to the MSB
of the register associated with the desired multifunction pin. The
value of the seven LSBs of the register defines the control function,
as shown in Table 24.
Table 24. Multifunction Pin Output Functions (D7 = 1)
D[6:0]
Value
Output Function
Source Proxy
0
Static Logic 0
1
Static Logic 1
2
System clock divided by 32
3
Watchdog timer output
4
EEPROM upload in progress
Register 0x0D00, Bit 0
5
EEPROM download in progress
Register 0x0D00, Bit 1
6
EEPROM fault detected
Register 0x0D00, Bit 2
7
SYSCLK PLL lock detected
Register 0x0D01, Bit 0
8
SYSCLK PLL calibration in
progress
Register 0x0D01, Bit 1
9
Unused
Unused
10
Unused
Unused
11
SYSCLK PLL stable
Register 0x0D01, Bit 4
12 to 15
Unused
Unused
16
DPLL free running
Register 0x0D0A, Bit 0
17
DPLL active
Register 0x0D0A, Bit 1
18
DPLL in holdover
Register 0x0D0A, Bit 2
19
DPLL in reference switchover
Register 0x0D0A, Bit 3
20
Active reference: phase master
Register 0x0D0A, Bit 6
21
DPLL phase locked
Register 0x0D0A, Bit 4
22
DPLL frequency locked
Register 0x0D0A, Bit 5
23
DPLL phase slew limited
Register 0x0D0A, Bit 7
24
DPLL frequency clamped
Register 0x0D0B, Bit 7
25
Tuning word history available
Register 0x0D0B, Bit 6
26
Tuning word history updated
Register 0x0D05, Bit 4
27 to 31
Unused
Unused
32
Reference A fault
Register 0x0D0C, Bit 2
33
Reference AA fault
Register 0x0D0D, Bit 2
34
Reference B fault
Register 0x0D0E, Bit 2
35
Reference BB fault
Register 0x0D0F, Bit 2
36 to 47
Unused
Unused
48
Reference A valid
Register 0x0D0C, Bit 3
49
Reference AA valid
Register 0x0D0D, Bit 3
50
Reference B valid
Register 0x0D0E, Bit 3
51
Reference BB valid
Register 0x0D0F, Bit 3
52 to 63
Unused
Unused
64
Reference A active reference
Register 0x0D0B, Bits[1:0]
65
Reference AA active reference
Register 0x0D0B, Bits[1:0}
66
Reference B active reference
Register 0x0D0B, Bits[1:0]
67
Reference BB active reference
Register 0x0D0B, Bits[1:0]
68 to 79
Unused
Unused
D[6:0]
Value
Output Function
Source Proxy
80
Clock distribution sync pulse
Register 0x0D03, Bit 3
81 to
127
Unused
To control an internal function with a multifunction pin, write a
Logic 0 to the most significant bit of the register associated with
the desired multifunction pin. The monitored function depends
on the value of the seven least significant bits of the register, as
shown in Table 25. Note that the default setting is M0 through
M7 configured as inputs and the input function set to unused
(the first entry in Table 25).
Table 25. Multifunction Pin Input Functions (D7 = 0)
D[6:0]
Value
Input Function
Destination Proxy
0
Unused (default)
Unused
1
I/O update
Register 0x0005, Bit 0
2
Full power-down
Register 0x0A00, Bit 0
3
Watchdog reset
Register 0x0A03, Bit 0
4
IRQ reset
Register 0x0A03, Bit 1
5
Tuning word history reset
Register 0x0A03, Bit 2
6 to 15
Unused
Unused
16
Holdover
Register 0x0A01, Bit 6
17
Free run
Register 0x0A01, Bit 5
18
Reset incremental phase
offset
Register 0x0A0C, Bit 2
19
Increment incremental phase
offset
Register 0x0A0C, Bit 0
20
Decrement incremental
phase offset
Register 0x0A0C, Bit 1
21 to 31
Unused
Unused
32
Override Reference Monitor A
Register 0x0A0F, Bit 0
33
Override Reference Monitor AA
Register 0x0A0F, Bit 1
34
Override Reference Monitor B
Register 0x0A0F, Bit 2
35
Override Reference Monitor BB
Register 0x0A0F, Bit 3
36 to 47
Unused
Unused
48
Force Validation Timeout A
Register 0x0A0E, Bit 0
49
Force Validation Timeout AA
Register 0x0A0E, Bit 1
50
Force Validation Timeout B
Register 0x0A0E, Bit 2
51
Force Validation Timeout BB
Register 0x0A0E, Bit 3
52 to 63
Unused
Unused
64
Enable OUT0
Register 0x0401, Bit 0
65
Enable OUT1
Register 0x0401, Bit 1
66, 67
Unused
Unused
68
Enable OUT0, OUT1
Register 0x0401, Bits[1:0]
69
Sync clock distribution
outputs
Register 0x0A02, Bit 1
70 to 127
Unused
Unused
If more than one multifunction pin operates on the same control
signal, then internal priority logic ensures that only one multi-
function pin serves as the signal source. The selected pin is the
one with the lowest numeric suffix. For example, if both M3
and M7 operate on the same control signal, M3 is used as the
signal source and the redundant pin is ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com