Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 85 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 85 Page - Analog Devices

Back Button AD9547 Datasheet HTML 81Page - Analog Devices AD9547 Datasheet HTML 82Page - Analog Devices AD9547 Datasheet HTML 83Page - Analog Devices AD9547 Datasheet HTML 84Page - Analog Devices AD9547 Datasheet HTML 85Page - Analog Devices AD9547 Datasheet HTML 86Page - Analog Devices AD9547 Datasheet HTML 87Page - Analog Devices AD9547 Datasheet HTML 88Page - Analog Devices AD9547 Datasheet HTML 89Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 104 page
background image
AD9547
Rev. 0 | Page 85 of 104
Register 0x06B2 to Register 0x06FF—Profile 3
Table 108. Priorities—Profile 3
Address
Bit
Bit Name
Description
0x06B2
[7:6]
Unused
Unused.
[5:3]
Promoted priority
User-assigned priority level (0 to 7) of the reference associated with Profile 3 while
that reference is the active reference. The numeric value of the promoted priority
must be less than or equal to the numeric value of the selection priority.
[2:0]
Selection priority
User-assigned priority level (0 to 7) of the reference associated with Profile 3, which
ranks that reference relative to the others.
Table 109. Reference Period—Profile 3
Address
Bit
Bit Name
Description
0x06B3
[7:0]
Reference period
(expressed in units of fs)
Nominal reference period, Bits[7:0].
0x06B4
[7:0]
Nominal reference period, Bits[15:8].
0x06B5
[7:0]
Nominal reference period, Bits[23:16].
0x06B6
[7:0]
Nominal reference period, Bits[31:24].
0x06B7
[7:0]
Nominal reference period, Bits[39:32].
0x06B8
[7:0]
Unused
Unused. Write 0s to these bits.
0x06B9
[7:0]
Table 110. Tolerance—Profile 3
Address
Bit
Bit Name
Description
0x06BA
[7:0]
Inner tolerance
Inner tolerance, Bits[7:0].
0x06BB
[7:0]
Inner tolerance, Bits[15:8].
0x06BC
[7:4]
Unused
Unused.
[3:0]
Inner tolerance
Inner tolerance, Bits[19:16].
0x06BD
[7:0]
Outer tolerance
Outer tolerance, Bits[7:0].
0x06BE
[7:0]
Outer tolerance, Bits[15:8].
0x06BF
[7:4]
Unused
Unused.
[3:0]
Outer tolerance
Outer tolerance, Bits[19:16].
Table 111. Validation Timer—Profile 3
Address
Bit
Bit Name
Description
0x06C0
[7:0]
Validation timer
(expressed in units of ms)
Validation timer, Bits[7:0].
0x06C1
[7:0]
Validation timer, Bits[15:8].
Table 112. Redetect Timer—Profile 3
Address
Bit
Bit Name
Description
0x06C2
[7:0]
Redetect timer
(expressed in units of ms)
Redetect timer, Bits[7:0].
0x06C3
[7:0]
Redetect timer, Bits[15:8].
Table 113. Digital Loop Filter Coefficients—Profile 31
Address
Bit
Bit Name
Description
0x06C4
[7:0]
Alpha-0 linear
Alpha-0 coefficient linear, Bits[7:0].
0x06C5
[7:0]
Alpha-0 coefficient linear, Bits[15:8].
0x06C6
[7:6]
Alpha-2 exponent
Alpha-2 coefficient exponent, Bits[1:0].
[5:0]
Alpha-1 exponent
Alpha-1 coefficient exponent, Bits[5:0].
0x06C7
[7:1]
Beta-0 linear
Beta-0 coefficient linear, Bits[6:0].
0
Alpha-2 exponent
Alpha-2 coefficient exponent, Bit 2.
0x06C8
[7:0]
Beta-0 linear
Beta-0 coefficient linear, Bits[14:7].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com