Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 5 Page - Analog Devices

  AD9547 Datasheet HTML 1Page - Analog Devices AD9547 Datasheet HTML 2Page - Analog Devices AD9547 Datasheet HTML 3Page - Analog Devices AD9547 Datasheet HTML 4Page - Analog Devices AD9547 Datasheet HTML 5Page - Analog Devices AD9547 Datasheet HTML 6Page - Analog Devices AD9547 Datasheet HTML 7Page - Analog Devices AD9547 Datasheet HTML 8Page - Analog Devices AD9547 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 104 page
background image
AD9547
Rev. 0 | Page 5 of 104
LOGIC INPUTS (M0 TO M7, RESET)
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
INPUT VOLTAGE
Input High Voltage (VIH)
2.1
V
Input Low Voltage (VIL)
0.8
V
INPUT CURRENT (IINH, IINL)
±80
±200
μA
INPUT CAPACITANCE (CIN)
3
pF
LOGIC OUTPUTS (M0 TO M7, IRQ)
Table 5.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
Output High Voltage (VOH)
2.7
V
IOH = 1 mA
Output Low Voltage (VOL)
0.4
V
IOL = 1 mA
IRQ LEAKAGE CURRENT
Open-drain mode
Active Low Output Mode
1
μA
VOH = 3.3 V
Active High Output Mode
1
μA
VOL = 0 V
SYSTEM CLOCK INPUTS (SYSCLKP, SYSCLKN)
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SYSTEM CLOCK PLL BYPASSED
Input Frequency Range
500
1000
MHz
Minimum Input Slew Rate
1000
V/μs
Minimum limit imposed for jitter performance
Duty Cycle
40
60
%
Common-Mode Voltage
1.2
V
Internally generated
Differential Input Voltage Sensitivity
100
mV p-p
Minimum voltage across pins is required to ensure
switching between logic states; the instantaneous
voltage on either pin must not exceed the supply rails; ac
ground the unused input to accommodate single-ended
operation
Input Capacitance
2
pF
Single-ended, each pin
Input Resistance
2.5
kΩ
SYSTEM CLOCK PLL ENABLED
PLL Output Frequency Range
900
1000
MHz
Phase Frequency Detector (PFD) Rate
150
MHz
Frequency Multiplication Range
6
255
Assumes valid system clock and PFD rates
VCO Gain
70
MHz/V
High Frequency Path
Input Frequency Range
100.1
500
MHz
Minimum Input Slew Rate
200
V/μs
Minimum limit imposed for jitter performance
Frequency Divider Range
1
8
Binary steps (M = 1, 2, 4, 8)
Common-Mode Voltage
1
V
Internally generated
Differential Input Voltage Sensitivity
100
mV p-
p
This is the minimum voltage required across the pins to
ensure switching between logic states; the
instantaneous voltage on either pin must not exceed the
supply rails; ac ground the unused input to accommodate
single-ended operation
Input Capacitance
3
pF
Single-ended, each pin
Input Resistance
2.5
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com