| Electronic Components Datasheet Search |
|
AD9547 Datasheet(PDF) 25 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9547 Datasheet(HTML) 25 Page - Analog Devices |
|
25 / 104 page ![]() AD9547 Rev. 0 | Page 25 of 104 9. Program the clock distribution outputs. The clock distribution parameters reside in the 0x0400 register address space. They include the following: • Output power-down control • Output enable (disabled by default) • Output synchronization • Output mode control • Output divider functionality • Program the reference inputs. 10. The reference input parameters reside in the 0x0500 register address space. They include the following: • Reference power-down • Reference logic family • Reference profile assignment control • Phase build-out control 11. Program the reference profiles. The reference profile parameters reside in the 0x0600 and 0x0700 register address spaces. They include the following: • Reference priority • Reference period • Reference period tolerance • Reference validation timer • Reference redetect timer • Digital loop filter coefficients • Reference prescaler (R divider) • Feedback dividers (S, U, and V) • Phase and frequency lock detector controls 12. Generate reference acquisition. After the registers are programmed, issue an I/O update using Register 0x0005, Bit 0 to invoke all of the register settings that have been programmed up to this point. If the settings are programmed for manual profile assignment, the DPLL locks to the first available reference that has the highest priority. If the settings are programmed for automatic profile assignment, then write to the reference profile selection register (Address 0x0A0D) to select the state machines that require starting. Next, issue an I/O update (Address 0x0005, Bit 0) to start the selected state machines. Upon completion of the reference detection sequence, the DPLL locks to the first available reference with the highest priority. 13. Generate the output clock. If the registers are programmed for automatic clock distribution synchronization via DPLL phase or frequency lock, the synthesized output signal appears at the clock distribution outputs (assuming that the output is enabled and the DDS output signal has been routed to the CLKINx input pins). Otherwise, set and then clear the sync distribution bit (Address 0x0A02, Bit 1) or use a multi- function pin input (if programmed accordingly) to generate a clock distribution sync pulse, which causes the synthesized output signal to appear at the clock distribution outputs. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |