Electronic Components Datasheet Search
  English  ▼

X  

AD9547 Datasheet(PDF) 100 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 100 Page - Analog Devices

Back Button AD9547 Datasheet HTML 96Page - Analog Devices AD9547 Datasheet HTML 97Page - Analog Devices AD9547 Datasheet HTML 98Page - Analog Devices AD9547 Datasheet HTML 99Page - Analog Devices AD9547 Datasheet HTML 100Page - Analog Devices AD9547 Datasheet HTML 101Page - Analog Devices AD9547 Datasheet HTML 102Page - Analog Devices AD9547 Datasheet HTML 103Page - Analog Devices AD9547 Datasheet HTML 104Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 100 / 104 page
background image
AD9547
Rev. 0 | Page 100 of 104
The min() function
y = min(x0, x1, ... xn)
where:
x0 through xn is a list of real numbers.
y is the number in the list that is the farthest to the left on the
number line.
The max() function
y = max(x0, x1, ... xn)
where:
x0 through xn is a list of real numbers.
y is the number in the list that is the farthest to the right on the
number line.
The log2() function
log2(x) =
)
2
(
)
(
ln
x
ln
where: ln() is the natural log function.
x is a positive, nonzero number.
Assume that the coefficient calculations for α, β, γ, and δ above
yield the following results:
α = 0.012735446
β = −6.98672 × 10−5
γ = −7.50373 × 10−5
δ = 0.002015399
These values are floating point numbers that must be quantized
according to the bit widths of the linear and exponential com-
ponents of the coefficients as they appear in the register map.
Note that the calculations that follow indicate a positive value
for the register entries of β and γ. The reason is that β and γ,
which are supposed to be negative values, are stored in the
AD9547 registers as positive values. The AD9547 converts the
stored values to negative numbers within its signal processing
core. A detailed description of the register value computations
for α, β, γ, and δ follows.
Calculation of the α Register Values
The quantized α coefficient consists of four components: α0, α1,
α2, and α3, according to
α ≈ αquantized = α0 × 216 − α1 + α2 + α3
where:
α0, α1, α2, and α3 are the register values.
α2 provides front-end gain.
α3 provides back-end gain.
α1 shifts the binary decimal point of α0 to the left to accommodate
small values of α.
Calculation of α1 is a two-step process, as follows:
w = if(α <1, −ceil(log2(α)), 0)
α1 = if(α <1, min[63, max(0, w)], 0)
If gain is necessary (that is, α > 1), then it is beneficial to apply
most or all of it to the front-end gain (α2) implying that the cal-
culation of α2 is to be done before that of α3. Calculation of α2
is a three-step process that leads directly to the calculation of α3.
x = if(α > 1, ceil(log2(α)), 0)
y = if(α > 1, min[22, max(0, x)], 0)
α2 = if(y ≥ 8, 7, y)
α3 = if(y ≥ 8, y – 7, 0)
Calculation of α0 is a two-step process, as follows:
z = round(α × 216 + α1 − α2 − α3)
α0 = min[65535, max(1, z)
Using the example value of α = 0.012735446 yields
w = 6, so α1 = 6
x = 0 and y = 0, so α2 = 0 and α3 = 0
z = 53416.332099584, so α0 = 53416
This leads to the following quantized value, which is very close
to the desired value of 0.012735446:
αquantized = 53416 × 2−22 ≈ 0.01273566821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com