Electronic Components Datasheet Search
  English  ▼

X  

ADuM6402 Datasheet(PDF) 4 Page - Analog Devices

Part # ADuM6402
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6402 Datasheet(HTML) 4 Page - Analog Devices

  ADuM6402 Datasheet HTML 1Page - Analog Devices ADuM6402 Datasheet HTML 2Page - Analog Devices ADuM6402 Datasheet HTML 3Page - Analog Devices ADuM6402 Datasheet HTML 4Page - Analog Devices ADuM6402 Datasheet HTML 5Page - Analog Devices ADuM6402 Datasheet HTML 6Page - Analog Devices ADuM6402 Datasheet HTML 7Page - Analog Devices ADuM6402 Datasheet HTML 8Page - Analog Devices ADuM6402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 4 of 24
Table 4. Switching Specifications
Parameter
Symbol
A Grade
C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
55
100
45
60
ns
50% input to 50% output
Pulse Width Distortion
PWD
40
6
ns
|tPLH − tPHL|
Change vs. Temperature
5
ps/°C
Pulse Width
PW
1000
40
ns
Within PWD limit
Propagation Delay Skew
tPSK
50
15
ns
Between any two units
Channel Matching
Codirectional1
tPSKCD
50
6
ns
Opposing Directional2
tPSKOD
50
15
ns
1
7
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the
isolation barrier.
2 Opposing directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the
isolation barrier.
Table 5. Input and Output Characteristics
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC SPECIFICATIONS
Logic High Input Threshold
VIH
0.7 VISO or 0.7 VDD1
V
Logic Low Input Threshold
VIL
0.3 VISO or 0.3 VDD1
V
Logic High Output Voltages
VOH
VDD1 − 0.3 or VISO − 0.3
5.0
V
IOx = −20 μA, VIx = VIxH
VDD1 − 0.5 or VISO − 0.5
4.8
V
IOx = −4 mA, VIx = VIxH
Logic Low Output Voltages
VOL
0.0
0.1
V
IOx = 20 μA, VIx = VIxL
0.2
0.4
V
IOx = 4 mA, VIx = VIxL
Undervoltage Lockout
VDD1, VDDL, VISO supply
Positive Going Threshold
VUV+
2.7
V
Negative Going Threshold
VUV−
2.4
V
Hysterisis
VUVH
0.3
V
Input Currents per Channel
II
−20
+0.01
+20
μA
0 V ≤ VIx ≤ VDDX
AC SPECIFICATIONS
Output Rise/Fall Time
tR/tF
2.5
ns
10% to 90%
Common-Mode Transient
Immunity1
|CM|
25
35
kV/μs
VIx= VDD1 or VISO, VCM = 1000 V,
transient magnitude = 800 V
Refresh Rate
fr
1.0
Mbps
1 |CM| is the maximum common-mode voltage slew rate that can be sustained while maintaining VO > 0.8 × VDD1 or 0.8 × VISO for a high input or VO < 0.8 × VDD1 or 0.8 × VISO for a
low input. The common-mode voltage slew rates apply to both rising and falling common-mode voltage edges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com