Electronic Components Datasheet Search
  English  ▼

X  

ADuM6402 Datasheet(PDF) 17 Page - Analog Devices

Part # ADuM6402
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6402 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADuM6402 Datasheet HTML 13Page - Analog Devices ADuM6402 Datasheet HTML 14Page - Analog Devices ADuM6402 Datasheet HTML 15Page - Analog Devices ADuM6402 Datasheet HTML 16Page - Analog Devices ADuM6402 Datasheet HTML 17Page - Analog Devices ADuM6402 Datasheet HTML 18Page - Analog Devices ADuM6402 Datasheet HTML 19Page - Analog Devices ADuM6402 Datasheet HTML 20Page - Analog Devices ADuM6402 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 17 of 24
BW = 20MHz (400ns/DIV)
Figure 19. Typical VISO = 5 V Output Voltage Ripple at 90% Load
BW = 20MHz (400ns/DIV)
Figure 20. Typical VISO = 3.3 V Output Voltage Ripple at 90% Load
0
4
8
12
16
20
05
10
15
DATA RATE (Mbps)
20
25
5V INPUT/5V OUTPUT
3.3V INPUT/3.3V OUTPUT
5V INPUT/3.3V OUTPUT
Figure 21. Typical ICHn Supply Current per Forward Data Channel
(15 pF Output Load)
0
4
8
12
16
20
05
10
15
DATA RATE (Mbps)
20
25
5V INPUT/5V OUTPUT
3.3V INPUT/3.3V OUTPUT
5V INPUT/3.3V OUTPUT
Figure 22. Typical ICHn Supply Current per Reverse Data Channel
(15 pF Output Load)
05
10
15
DATA RATE (Mbps)
20
25
5V
3.3V
0
2
1
3
4
5
Figure 23. Typical IISO (D) Dynamic Supply Current per Input
0
1.0
0.5
1.5
2.0
2.5
3.0
05
10
15
DATA RATE (Mbps)
20
25
5V
3.3V
Figure 24. Typical IISO (D) Dynamic Supply Current per Output
(15 pF Output Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com