Electronic Components Datasheet Search
  English  ▼

X  

ADuM6402 Datasheet(PDF) 11 Page - Analog Devices

Part # ADuM6402
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6402 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADuM6402 Datasheet HTML 7Page - Analog Devices ADuM6402 Datasheet HTML 8Page - Analog Devices ADuM6402 Datasheet HTML 9Page - Analog Devices ADuM6402 Datasheet HTML 10Page - Analog Devices ADuM6402 Datasheet HTML 11Page - Analog Devices ADuM6402 Datasheet HTML 12Page - Analog Devices ADuM6402 Datasheet HTML 13Page - Analog Devices ADuM6402 Datasheet HTML 14Page - Analog Devices ADuM6402 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 11 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1 1
GND1 2
VIA 3
VIB 4
VISO
16
GNDISO
15
VOA
14
VOB
13
VIC 5
VOC
12
VID 6
VOD
11
VDDL 7
VSEL
10
GND1 8
ADuM6400
TOP VIEW
(Not to Scale)
GNDISO
9
Figure 8. ADuM6400 Pin Configuration
Table 21. ADuM6400 Pin Function Descriptions
Pin No. Mnemonic Description
1
VDD1
Primary Supply Voltage, 3.0 V to 5.5 V. Pin 1 and Pin 7 must be connected to the same external voltage source.
2, 8
GND1
Ground 1. Ground reference for isolator primary. Pin 2 and Pin 8 are internally connected, and it is recommended that both
pins be connected to a common ground.
3
VIA
Logic Input A.
4
VIB
Logic Input B.
5
VIC
Logic Input C.
6
VID
Logic Input D.
7
VDDL
Data Channel Supply Voltage, 3.0 V to 5.5 V. Pin 1 and Pin 7 must be connected to the same external voltage source.
9, 15
GNDISO
Ground Reference for Isolator Side 2. Pin 9 and Pin 15 are internally connected, and it is recommended that both pins be
connected to a common ground.
10
VSEL
Output Voltage Selection. When VSEL = VISO, the VISO setpoint is 5.0 V. When VSEL = GNDISO, the VISO setpoint is 3.3 V.
11
VOD
Logic Output D.
12
VOC
Logic Output C.
13
VOB
Logic Output B.
14
VOA
Logic Output A.
16
VISO
Secondary Supply Voltage Output for External Loads, 3.3 V (VSEL Low) or 5.0 V (VSEL High).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com