Electronic Components Datasheet Search
  English  ▼

X  

ADuM6402 Datasheet(PDF) 23 Page - Analog Devices

Part # ADuM6402
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6402 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADuM6402 Datasheet HTML 16Page - Analog Devices ADuM6402 Datasheet HTML 17Page - Analog Devices ADuM6402 Datasheet HTML 18Page - Analog Devices ADuM6402 Datasheet HTML 19Page - Analog Devices ADuM6402 Datasheet HTML 20Page - Analog Devices ADuM6402 Datasheet HTML 21Page - Analog Devices ADuM6402 Datasheet HTML 22Page - Analog Devices ADuM6402 Datasheet HTML 23Page - Analog Devices ADuM6402 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 23 of 24
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
COMPLIANT TO JEDEC STANDARDS MS-013- AA
OUTLINE DIMENSIONS
10.50 (0.4134)
10.10 (0.3976)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
16
9
8
1
1.27 (0.0500)
BSC
Figure 33. 16-Lead Standard Small Outline Package [SOIC_W]
Wide Body (RW-16)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Number
of Inputs,
VDD1 Side
Number
of Inputs,
VISO Side
Maximum
Data Rate
(Mbps)
Maximum
Propagation
Delay, 5 V (ns)
Maximum
Pulse Width
Distortion (ns)
Temperature
Range (°C)
Package
Description
Package
Option
ADuM6400ARWZ1, 2
4
0
1
100
40
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6400CRWZ1,2
4
0
25
60
6
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6401ARWZ1,2
3
1
1
100
40
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6401CRWZ1,2
3
1
25
60
6
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6402ARWZ1,2
2
2
1
100
40
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6402CRWZ1,2
2
2
25
60
6
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6403ARWZ1,2
1
3
1
100
40
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6403CRWZ1,2
1
3
25
60
6
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6404ARWZ1,2
0
4
1
100
40
−40 to +105
16-Lead SOIC_W
RW-16
ADuM6404CRWZ1,2
0
4
25
60
6
−40 to +105
16-Lead SOIC_W
RW-16
1 Tape and reel are available. The addition of an RL suffix designates a 13-inch (1,000 units) tape and reel option.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com