Electronic Components Datasheet Search
  English  ▼

X  

ADuM6402 Datasheet(PDF) 5 Page - Analog Devices

Part # ADuM6402
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6402 Datasheet(HTML) 5 Page - Analog Devices

  ADuM6402 Datasheet HTML 1Page - Analog Devices ADuM6402 Datasheet HTML 2Page - Analog Devices ADuM6402 Datasheet HTML 3Page - Analog Devices ADuM6402 Datasheet HTML 4Page - Analog Devices ADuM6402 Datasheet HTML 5Page - Analog Devices ADuM6402 Datasheet HTML 6Page - Analog Devices ADuM6402 Datasheet HTML 7Page - Analog Devices ADuM6402 Datasheet HTML 8Page - Analog Devices ADuM6402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 5 of 24
ELECTRICAL CHARACTERISTICS—3.3 V PRIMARY INPUT SUPPLY/3.3 V SECONDARY ISOLATED SUPPLY
All typical specifications are at TA = 25°C, VDD1 = VISO = 3.3 V, VSEL = GNDISO. Minimum/maximum specifications apply over the entire
recommended operation range which is 3.0 V ≤ VDD1, VSEL, VISO ≤ 3.6 V; and −40°C ≤ TA ≤ +105°C, unless otherwise noted. Switching
specifications are tested with CL = 15 pF and CMOS signal levels, unless otherwise noted.
Table 6. DC-to-DC Converter Static Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
DC-TO-DC CONVERTER SUPPLY
Setpoint
VISO
3.0
3.3
3.6
V
IISO = 0 mA
Line Regulation
VISO (LINE)
1
mV/V
IISO = 30 mA, VDD1 = 3.0 V to 3.6 V
Load Regulation
VISO (LOAD)
1
5
%
IISO = 6 mA to 54 mA
Output Ripple
VISO (RIP)
50
mV p-p
20 MHz bandwidth, CBO = 0.1 μF||10 μF, IISO = 54 mA
Output Noise
VISO (NOISE)
130
mV p-p
CBO = 0.1 μF||10 μF, IISO = 54 mA
Switching Frequency
fOSC
180
MHz
PW Modulation Frequency
fPWM
625
kHz
Output Supply
IISO (MAX)
60
mA
VISO > 3 V
Efficiency at IISO (MAX)
33
%
IISO = 60 mA
IDD1, No VISO Load
IDD1 (Q)
14
20
mA
IDD1, Full VISO Load
IDD1 (MAX)
175
mA
Table 7. DC-to-DC Converter Dynamic Specifications
Parameter
Symbol
2 Mbps—A Grade, B Grade, C Grade
25 Mbps—C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SUPPLY CURRENT
ADuM6400
IDD1
14
41
mA
No VISO load
IISO (LOAD)
60
43
mA
ADuM6401
IDD1
14
44
mA
No VISO load
IISO (LOAD)
60
42
mA
ADuM6402
IDD1
14
46
mA
No VISO load
IISO (LOAD)
60
41
mA
ADuM6403
IDD1
14
47
mA
No VISO load
IISO (LOAD)
60
39
mA
ADuM6404
IDD1
14
51
mA
No VISO load
IISO (LOAD)
60
38
mA
Table 8. Switching Specifications
Parameter
Symbol
A Grade
C Grade
Unit
Test Conditions
Min
Typ
Max
Min
Typ
Max
SWITCHING SPECIFICATIONS
Data Rate
1
25
Mbps
Within PWD limit
Propagation Delay
tPHL, tPLH
60
100
45
60
ns
50% input to 50% output
Pulse Width Distortion
PWD
40
6
ns
|tPLH − tPHL|
Change vs. Temperature
5
ps/°C
Pulse Width
PW
1000
40
ns
Within PWD limit
Propagation Delay Skew
tPSK
50
45
ns
Between any two units
Channel Matching
Codirectional1
tPSKCD
50
6
ns
Opposing Directional2
tPSKOD
50
15
ns
1
7
Codirectional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on the same side of the
isolation barrier.
2 Opposing directional channel matching is the absolute value of the difference in propagation delays between any two channels with inputs on opposing sides of the
isolation barrier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com