Electronic Components Datasheet Search
  English  ▼

X  

ADuM6402 Datasheet(PDF) 22 Page - Analog Devices

Part # ADuM6402
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6402 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADuM6402 Datasheet HTML 16Page - Analog Devices ADuM6402 Datasheet HTML 17Page - Analog Devices ADuM6402 Datasheet HTML 18Page - Analog Devices ADuM6402 Datasheet HTML 19Page - Analog Devices ADuM6402 Datasheet HTML 20Page - Analog Devices ADuM6402 Datasheet HTML 21Page - Analog Devices ADuM6402 Datasheet HTML 22Page - Analog Devices ADuM6402 Datasheet HTML 23Page - Analog Devices ADuM6402 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 22 of 24
When the primary side is above the UVLO threshold, the data
input channels sample their inputs and begin sending encoded
pulses to the inactive secondary output channels. The outputs
on the primary side remain in their default low state because no
data comes from the secondary side inputs until secondary power
is established. The primary side oscillator also begins to operate,
transferring power to the secondary power circuits. The secondary
VISO voltage is below its UVLO limit at this point; the regulation
control signal from the secondary is not being generated. The
primary side power oscillator is allowed to free run in this
circumstance, supplying the maximum amount of power to
the secondary, until the secondary voltage rises to its regulation
setpoint. This creates a large inrush current transient at VDD1.
When the regulation point is reached, the regulation control
circuit produces the regulation control signal that modulates
the oscillator on the primary side. The VDD1 current is reduced
and is then proportional to the load current. The inrush current
is less than the short-circuit current shown in Figure 16. The
duration of the inrush depends on the VISO loading conditions
and the current available at the VDD1 pin.
Accelerated life testing is performed using voltage levels higher
than the rated continuous working voltage. Acceleration factors
for several operating conditions are determined, allowing calcu-
lation of the time to failure at the working voltage of interest.
The values shown in Table 20 summarize the peak voltages for
50 years of service life in several operating conditions. In many
cases, the working voltage approved by agency testing is higher
than the 50-year service life voltage. Operation at working
voltages higher than the service life voltage listed leads to
premature insulation failure.
The insulation lifetime of the ADuM640x depends on the voltage
waveform type imposed across the isolation barrier. The iCoupler
insulation structure degrades at different rates, depending on
whether the waveform is bipolar ac, unipolar ac, or dc. Figure 30,
Figure 31, and Figure 32 illustrate these different isolation
voltage waveforms.
Bipolar ac voltage is the most stringent environment. A 50-year
operating lifetime under the bipolar ac condition determines
the Analog Devices recommended maximum working voltage.
In the case of unipolar ac or dc voltage, the stress on the insulation
is significantly lower. This allows operation at higher working
voltages while still achieving a 50-year service life. The working
voltages listed in Table 20 can be applied while maintaining the
50-year minimum lifetime, provided the voltage conforms to
either the unipolar ac or dc voltage cases. Any cross-insulation
voltage waveform that does not conform to Figure 31 or Figure 32
should be treated as a bipolar ac waveform, and its peak voltage
should be limited to the 50-year lifetime voltage value listed
in Table 20.
As the secondary side converter begins to accept power from
the primary, the VISO voltage starts to rise. When the secondary
side UVLO is reached, the secondary side outputs are initialized to
their default low state until data is received from the corresponding
primary side input. It can take up to 1 μs after the secondary side is
initialized for the state of the output to correlate with the primary
side input.
Secondary side inputs sample their state and transmit it to the
primary side. Outputs are valid about 1 μs after the secondary
side becomes active.
0V
RATED PEAK VOLTAGE
Because the rate of charge of the secondary side power supply is
dependent on loading conditions, the input voltage, and the output
voltage level selected, take care with the design to allow the
converter sufficient time to stabilize before valid data is required.
Figure 30. Bipolar AC Waveform
When power is removed from VDD1, the primary side converter
and coupler shut down when the UVLO level is reached. The
secondary side stops receiving power and starts to discharge.
The outputs on the secondary side hold the last state that they
received from the primary side. Either the UVLO level is reached
and the outputs are placed in their high impedance state, or the
outputs detect a lack of activity from the primary side inputs
and the outputs are set to their default low value before the
secondary power reaches UVLO.
0V
RATED PEAK VOLTAGE
Figure 31. DC Waveform
0V
RATED PEAK VOLTAGE
NOTES
1. THE VOLTAGE IS SHOWN AS SINUSOIDAL FOR ILLUSTRATION
PURPOSES ONLY. IT IS MEANT TO REPRESENT ANY VOLTAGE
WAVEFORM VARYING BETWEEN 0 AND SOME LIMITING VALUE.
THE LIMITING VALUE CAN BE POSITIVE OR NEGATIVE, BUT THE
VOLTAGE CANNOT CROSS 0V.
INSULATION LIFETIME
All insulation structures eventually break down when subjected
to voltage stress over a sufficiently long period. The rate of insu-
lation degradation is dependent on the characteristics of the
voltage waveform applied across the insulation. Analog Devices
conducts an extensive set of evaluations to determine the
lifetime of the insulation structure within the ADuM640x.
Figure 32. Unipolar AC Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com