Electronic Components Datasheet Search
  English  ▼

X  

ADuM6402 Datasheet(PDF) 18 Page - Analog Devices

Part # ADuM6402
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6402 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADuM6402 Datasheet HTML 14Page - Analog Devices ADuM6402 Datasheet HTML 15Page - Analog Devices ADuM6402 Datasheet HTML 16Page - Analog Devices ADuM6402 Datasheet HTML 17Page - Analog Devices ADuM6402 Datasheet HTML 18Page - Analog Devices ADuM6402 Datasheet HTML 19Page - Analog Devices ADuM6402 Datasheet HTML 20Page - Analog Devices ADuM6402 Datasheet HTML 21Page - Analog Devices ADuM6402 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0 | Page 18 of 24
TERMINOLOGY
IDD1 (Q)
IDD1(Q) is the minimum operating current drawn at the VDD1 pin
when there is no external load at VISO and the I/O pins are
operating below 2 Mbps, requiring no additional dynamic supply
current. IDD1(Q) reflects the minimum current operating condition.
IDD1 (D)
IDD1 (D) is the typical input supply current with all channels
simultaneously driven at a maximum data rate of 25 Mbps
with full capacitive load representing the maximum dynamic
load conditions. Resistive loads on the outputs should be
treated separately from the dynamic load.
IDD1 (MAX)
IDD1 (MAX) is the input current under full dynamic and VISO load
conditions.
tPHL Propagation Delay
tPHL propagation delay is measured from the 50% level of the
falling edge of the VIx signal to the 50% level of the falling edge
of the VOx signal.
tPLH Propagation Delay
tPLH propagation delay is measured from the 50% level of the rising
edge of the VIx signal to the 50% level of the rising edge of the
VOx signal.
tPSK Propagation Delay Skew
tPSK is the magnitude of the worst-case difference in tPHL and/or tPLH
that is measured between units at the same operating temperature,
supply voltages, and output load within the recommended
operating conditions.
tPSKCD/tPSKOD Channel-to-Channel Matching
Channel-to-channel matching is the absolute value of the
difference in propagation delays between the two channels
when operated with identical loads.
Minimum Pulse Width
The minimum pulse width is the shortest pulse width at which
the specified pulse width distortion is guaranteed.
Maximum Data Rate
The maximum data rate is the fastest data rate at which the
specified pulse width distortion is guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com