Electronic Components Datasheet Search
  English  ▼

X  

ADuM6402 Datasheet(PDF) 1 Page - Analog Devices

Part # ADuM6402
Description  Quad-Channel Isolators with Integrated DC-to-DC Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM6402 Datasheet(HTML) 1 Page - Analog Devices

  ADuM6402 Datasheet HTML 1Page - Analog Devices ADuM6402 Datasheet HTML 2Page - Analog Devices ADuM6402 Datasheet HTML 3Page - Analog Devices ADuM6402 Datasheet HTML 4Page - Analog Devices ADuM6402 Datasheet HTML 5Page - Analog Devices ADuM6402 Datasheet HTML 6Page - Analog Devices ADuM6402 Datasheet HTML 7Page - Analog Devices ADuM6402 Datasheet HTML 8Page - Analog Devices ADuM6402 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Quad-Channel Isolators with
Integrated DC-to-DC Converter
ADuM6400/ADuM6401/ADuM6402/ADuM6403/ADuM6404
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009 Analog Devices, Inc. All rights reserved.
FEATURES
isoPower integrated, isolated dc-to-dc converter
Regulated 3.3 V or 5 V output
Up to 500 mW output power
Quad dc-to-25 Mbps (NRZ) signal isolation channels
Schmitt trigger inputs
16-lead SOIC package with 7.6 mm creepage
High temperature operation: 105°C
High common-mode transient immunity: >25 kV/μs
Safety and regulatory approvals (pending)
UL recognition
5000 V rms for 1 minute per UL1577
CSA Component Acceptance Notice #5A
IEC 60950-1: 600 V rms (reinforced)
IEC 60601-1: 250 V rms (reinforced)
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 560 V peak
APPLICATIONS
RS-232/RS-422/RS-485 transceivers
Medical isolation
AC/dc power supply startup bias and gate drives
Isolated sensor interface
GENERAL DESCRIPTION
The ADuM640x1 devices are quad-channel digital isolators with
isoPower®, an integrated, isolated dc-to-dc converter. Based on
the Analog Devices, Inc., iCoupler® technology, the dc-to-dc
converter provides up to 500 mW of regulated, isolated power at
either 5.0 V or 3.3 V from a 5.0 V input supply, or 3.3 V from a
3.3 V supply at the power levels shown in Table 1. This eliminates
the need for a separate, isolated dc-to-dc converter in low power,
isolated designs. The iCoupler chip scale transformer technology
is used to isolate the logic signals and for the magnetic components
of the dc-to-dc converter. The result is a small form factor, total
isolation solution.
The ADuM640x isolators provide four independent isolation
channels in a variety of channel configurations and data rates
(see the Ordering Guide for more information).
isoPower uses high frequency switching elements to transfer
power through its transformer. Special care must be taken
during printed circuit board (PCB) layout to meet emissions
standards. Refer to the AN-0971 application note for board
layout recommendations at www.analog.com.
FUNCTIONAL BLOCK DIAGRAMS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSC
RECT
4-CHANNEL iCOUPLER CORE
VDD1
REG
GND1
VIA/VOA
VIB/VOB
VIC/VOC
VID/VOD
VDDL
GND1
VISO
GNDISO
VIA/VOA
VIB/VOB
VIC/VOC
VID/VOD
VSEL
GNDISO
ADuM6400/ADuM6401/
ADuM6402/ADuM6403/
ADuM6404
Figure 1. ADuM640x Block Diagram
3
4
5
6
14
13
12
11
VIA
VIB
VIC
VID
VOA
VOB
VOC
VOD
ADuM6400
Figure 2. ADuM6400
3
4
5
6
14
13
12
11
VIA
VIB
VIC
VOD
VOA
VOB
VOC
VID
ADuM6401
Figure 3. ADuM6401
3
4
5
6
14
13
12
11
VIA
VIB
VOC
VOD
VOA
VOB
VIC
VID
ADuM6402
Figure 4. ADuM6402
3
4
5
6
14
13
12
11
VIA
VOB
VOC
VOD
VOA
VIB
VIC
VID
ADuM6403
Figure 5. ADuM6403
3
4
5
6
14
13
12
11
VOA
VOB
VOC
VOD
ADuM6404
VIA
VIB
VIC
VID
Figure 6. ADuM6404
Table 1. Power Levels
Input Voltage (V)
Output Voltage (V)
Output Power (mW)
5
5
500
5
3.3
330
3.3
3.3
200
1 Protected by U.S. Patents 5,952,849; 6,873,065; 6,903,578; and 7,075,329. Other patents are pending.


Similar Part No. - ADuM6402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM6402 AD-ADUM6402 Datasheet
470Kb / 28P
Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6402ARIZ AD-ADUM6402ARIZ Datasheet
470Kb / 28P
Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6402ARWZ AD-ADUM6402ARWZ Datasheet
470Kb / 28P
Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6402CRIZ AD-ADUM6402CRIZ Datasheet
470Kb / 28P
Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6402CRWZ AD-ADUM6402CRWZ Datasheet
470Kb / 28P
Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
More results

Similar Description - ADuM6402

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5401 AD-ADUM5401 Datasheet
587Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401_VB AD-ADUM5401_VB Datasheet
481Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401ARWZ-RL AD-ADUM5401ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5404ARWZ-RL AD-ADUM5404ARWZ-RL Datasheet
539Kb / 28P
Quad-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5401WCRWZ-1 AD-ADUM5401WCRWZ-1 Datasheet
536Kb / 24P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM6420A AD-ADUM6420A Datasheet
533Kb / 26P
Quad-Channel Isolators with Integrated DC-to-DC Converter
12/2020-Rev. 0 to Rev. A
ADUM6400 AD-ADUM6400_V01 Datasheet
470Kb / 28P
Quad-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6420A AD-ADUM6420A_V01 Datasheet
732Kb / 31P
Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com