Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 11 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP504 Datasheet HTML 7Page - Exar Corporation SP504 Datasheet HTML 8Page - Exar Corporation SP504 Datasheet HTML 9Page - Exar Corporation SP504 Datasheet HTML 10Page - Exar Corporation SP504 Datasheet HTML 11Page - Exar Corporation SP504 Datasheet HTML 12Page - Exar Corporation SP504 Datasheet HTML 13Page - Exar Corporation SP504 Datasheet HTML 14Page - Exar Corporation SP504 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Figure 8. Receiver Enable and Disable Times
Figure 9. Typical RS-232 Driver Output Waveform
Figure 0. Typical RS-423 Driver Output Waveform
Figure . Typical RS-422/RS-485 Driver Output
Waveform
Figure 3. V.35 Driver Output VOD VS. Temperature
Figure 2. Typical V.35 Driver Output Waveform
+3V
0V
RDECx
5V
0V
1.5V
1.5V
tZL
tZH
f = 1MHz;tR ≤ 10ns; tF≤ 10ns
RECEIVER OUT
1.5V
1.5V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VIL
VIH
RECEIVER OUT
DRIVER INPUT
DRIVER OUTPUT
DRIVER INPUT
DRIVER OUTPUT
DRIVER INPUT
DRIVER OUTPUT
DRIVER OUTPUT
DRIVER INPUT
V.35 Driver VOD over Temperature
-0.825
-0.66
-0.495
-0.33
-0.65
0
0.65
0.33
0.495
0.66
0.825
0
0
20
30
40
50
60
70
Temperature (deg C)
VOD-
Vcc = 5.0V
VOD+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com