Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 15 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 15 Page - Exar Corporation

Back Button SP504 Datasheet HTML 11Page - Exar Corporation SP504 Datasheet HTML 12Page - Exar Corporation SP504 Datasheet HTML 13Page - Exar Corporation SP504 Datasheet HTML 14Page - Exar Corporation SP504 Datasheet HTML 15Page - Exar Corporation SP504 Datasheet HTML 16Page - Exar Corporation SP504 Datasheet HTML 17Page - Exar Corporation SP504 Datasheet HTML 18Page - Exar Corporation SP504 Datasheet HTML 19Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
5
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
VCC = +5V
–10V
VDD Storage Capacitor
C1
C2
C4
+
+
+
–
–
–
VSS Storage Capacitor
C3
+
–
VCC = +5V
VDD Storage Capacitor
C1
C2
C4
+
+
+
–
–
–
VSS Storage Capacitor
C3
+
–
–5V
VCC = +5V
–5V
–5V
+5V
VDD Storage Capacitor
C1
C2
C4
+
+
+
–
–
–
VSS Storage Capacitor
C3
+
–
VCC = +5V
+10V
VDD Storage Capacitor
C1
C2
C4
+
+
+
–
–
–
VSS Storage Capacitor
C3
+
–
Figure 5a. Charge Pump Phase 2 for ±0V.
Figure 5b. Charge Pump Phase 2 for ±5V.
Figure 6. Charge Pump Phase 3.
Figure 7. Charge Pump Phase 4.
Phase 2 (±10V)
— V
SS transfer — Phase two of the clock
connects the negative terminal of C
2 to
the V
SS storage capacitor and the positive
terminal of C
2 to ground, and transfers the
generated –l0V or the generated –5V to C
3.
Simultaneously,thepositivesideofcapacitor
C
 is switched to +5V and the negative side
is connected to ground.
Phase 2 (±5V)
— V
SS & VDD charge storage — C
+
is recon-
nected to V
CC to recharge the C capacitor.
C
2
+
isswitchedtogroundandC
2
–
isconnected
to C
3. The 5V charge from Phase  is now
transferred to the V
SS storage capacitor. VSS
receives a continuous charge from either C

or C
2. With the C capacitor charged to 5V,
the cycle begins again.
Phase 3
— V
DD charge storage — The third phase
of the clock is identical to the first phase
— the charge transferred in C
 produces
–5V in the negative terminal of C
, which
is applied to the negative side of capacitor
C
2. Since C2
+
is at +5V, the voltage potential
across C
2 is l0V. For the 5V output, C2
+
is
connected to ground so that the potential
on C
2 is only +5V.
Figure 8a and 8b. Charge Pump Waveforms
GND
–0V
+0V
C
2
+
C
2
–
(a)
(b)
GND
C
2
+
+5V
GND
GND
C
2
–
–5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com