Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 30 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 30 Page - Exar Corporation

Back Button SP504 Datasheet HTML 24Page - Exar Corporation SP504 Datasheet HTML 25Page - Exar Corporation SP504 Datasheet HTML 26Page - Exar Corporation SP504 Datasheet HTML 27Page - Exar Corporation SP504 Datasheet HTML 28Page - Exar Corporation SP504 Datasheet HTML 29Page - Exar Corporation SP504 Datasheet HTML 30Page - Exar Corporation SP504 Datasheet HTML 31Page - Exar Corporation SP504 Datasheet HTML 32Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
22µF
22µF
22µF
25
27 26 30
28 31
32
1N5819
VCC
VDD
C1-
C2-
VSS
C1+
C2+
22µF
61
59
+5V
SP504
Drivers
TxD
14
58
56
DTR
13
54
52
RTS
16
63
65
TxC
15
42
44
ST
22
47
45
RL
17
51
49
LL
24
70
71
RxD
1
37
38
RxC
20
66
67
CTS
80
68
69
DSR
78
35
36
DCD
19
39
40
RI
21
76
77
SCT
79
Receivers
TDEC3—TDEC0 (pins 9-12)
+5V
5
VCC
10 µF
SP332
28
8
21
4
3
18
17
9
12
11
13
10
14
V+
V
-
C1+
C1-
C2+
C2-
0.1µF
0.1µF
0.1µF
0.1µF
SEL A
SEL B
24
2
see pinout diagram for various ground pins
10µF
6
7
26
27
15
16
19
20
T1
T2
T3
R1
R2
R3
0
1
LOOPBACK
1
23
4
22
12
30
7
25
17
35
6
24
8
26
9
27
11
29
13
31
15
5
23
DB-37 Connector
34
16
RDEC3 —RDEC0 (pins 5-2)
"1100" for RS-449 mode
10
14
18
LL
RL
TM
Note:The SP332 will require clamping
diodes on the driver outputs to limit the
voltage to +/-6V and comply with the RS-423
driver output specification of V
oc = +/-4.0V to
+/-6.0V and VOUT
≥ +/-3.6V with a 450Ω load.
Figure 29. Adding extra differential and single-ended transceivers using the SP332



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com