Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 1 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 1 Page - Exar Corporation

  SP504 Datasheet HTML 1Page - Exar Corporation SP504 Datasheet HTML 2Page - Exar Corporation SP504 Datasheet HTML 3Page - Exar Corporation SP504 Datasheet HTML 4Page - Exar Corporation SP504 Datasheet HTML 5Page - Exar Corporation SP504 Datasheet HTML 6Page - Exar Corporation SP504 Datasheet HTML 7Page - Exar Corporation SP504 Datasheet HTML 8Page - Exar Corporation SP504 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
The
SP504 is a single chip device that supports eight (8) physical serial interface standards
for Wide Area Network connectivity. The
SP504 is fabricated using a low power BiCMOS
process technology, and incorporates an
Exar patented (5,306,954) charge pump allowing
+5V only operation. Seven (7) drivers and seven (7) receivers can be configured via soft-
ware for any of the above interface modes at any time. The
SP504 is suitable for DTE-DCE
applications. The
SP504 requires only one external resistor per V.35 driver for compliant
V.35 Operation.
DESCRIPTION
• +5V Only
• Seven (7) Drivers and Seven (7) Receivers
• Driver and Receiver Tri-State Control
• Reduced V.35 Termination Network
• Pin Compatible with the SP503
• Software Selectable Interface Modes:
-RS-232E (V.28)
-RS-422A (V., X.2)
-RS-449 (V. & V.0)
-RS-485
-V.35
-EIA-530 (V. & V.0)
-EIA-530A (V. & V.0)
-V.36
Driver Decode
Receiver Decode
Programmable Charge Pump
Vss
SP504
SP504
Vcc
Vdd
C1+
C1-
C2+
C2-
22µF, 16V
TxD
DTR
RTS
RL
LL
RxD
RxC
CTS
DSR
DCD
RI
SCT
TT
ST
22µF, 16V
22µF, 16V
22µF, 16V
SWITCHABLE V.35
TERMINATION RESISTOR
NETWORKS
SCT
RI
DCD
DSR
CTS
RxC
RxD
TxD
DTR
RTS
RL
LL
ST
TT
SP504
WAN Multi-Mode Serial Transceiver
RxD 1
RDEC
0 2
RDEC
1 3
RDEC
2 4
RDEC
3 5
TTEN 6
SCTEN 7
N/C 8
TDEC
3
9
TDEC
2 10
TDEC
1 11
TDEC
0 12
DTR 13
TxD 14
TxC 15
RTS 16
RL 17
V35_STAT 18
DCD 19
RxC 20
60 GND
59 SD(b)
58 TR(a)
57 GND
56 TR(b)
55 V
CC
54 RS(a)
53 GND
52 RS(b)
51 LL(a)
50 GND
49 LL(b)
48 V
CC
47 RL(a)
46 GND
45 RL(b)
44 ST(b)
43 GND
42 ST(a)
41 V
CC
SP504


Similar Part No. - SP504

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
WAN Multi-Mode Serial Transceiver
SP504AN SIPEX-SP504AN Datasheet
176Kb / 11P
Application Note
SP504CF SIPEX-SP504CF Datasheet
176Kb / 11P
Application Note
SP504EB SIPEX-SP504EB Datasheet
132Kb / 18P
Evaluation Board Manual
More results

Similar Description - SP504

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
673Kb / 35P
WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
505Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
208Kb / 23P
WAN Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
257Kb / 31P
WAN Multi-Mode Serial Transceiver
SP505 SIPEX-SP505 Datasheet
495Kb / 35P
WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526 Datasheet
141Kb / 23P
WAN Multi-Mode Serial Transceiver
SP526 SIPEX-SP526_06 Datasheet
360Kb / 24P
WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP505 EXAR-SP505 Datasheet
1Mb / 35P
WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com