Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 20 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 20 Page - Exar Corporation

Back Button SP504 Datasheet HTML 16Page - Exar Corporation SP504 Datasheet HTML 17Page - Exar Corporation SP504 Datasheet HTML 18Page - Exar Corporation SP504 Datasheet HTML 19Page - Exar Corporation SP504 Datasheet HTML 20Page - Exar Corporation SP504 Datasheet HTML 21Page - Exar Corporation SP504 Datasheet HTML 22Page - Exar Corporation SP504 Datasheet HTML 23Page - Exar Corporation SP504 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
20
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
RD(a) 70
RxD 1
RD(b) 71
RT(a) 37
RxC 20
RT(b) 38
CS(a) 66
CTS 80
CS(b) 67
DM(a) 68
DSR 78
DM (b) 69
RR(a) 35
DCD 19
RR(b) 36
IC(a) 39
RI 21
IC(b) 40
SCT(a) 76
SCT 79
SCTEN 7
SCT(b) 77
14 TxD
61 SD(a)
59 SD(b)
22 ST
42 ST(a)
44 ST(b)
23 STEN
15 TxC
63 TT(a)
65 TT(b)
6 TTEN
13 DTR
58 TR(a)
56 TR(b)
16 RTS
54 RS(a)
52 RS(b)
17 RL
47 RL(a)
45 RL(b)
24 LL
51 LL(a)
49 LL(b)
22µF
22µF
1N5819
V
CC
V
DD
C1-
C2-
V
SS
C1+
C2+
+5V
10µF
27
25
26
31
28
30
22µF
32
External
Latch
5
4
3
2
9
10
11
12
0
1
0
0
0
1
0
0
RS-422 Mode
Input Word
A
B
Charge Pump
A — Receiver Tri-State Circuitry & V.35
terminaiton resistor circuitry for
RxD, RxC & SCT
.
B — Driver Tri-State circuitry &V.35
termination circuitry for TxD,
TxC & ST
.
SP504
(SEE PAGE 12 FOR GROUND PINS)
For V.35 Termination, needs to be connected
for proper V.35 operation. A low on-
resistance (≤1Ω) FET or switch can be used
to connect and disconnect the resistor from
the non-inverting output.
150Ω
150Ω
150Ω
22µF
Note 1
Note 1
Note 1
Note 1
Figure 9. SP504 Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com