Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 10 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 10 Page - Exar Corporation

Back Button SP504 Datasheet HTML 6Page - Exar Corporation SP504 Datasheet HTML 7Page - Exar Corporation SP504 Datasheet HTML 8Page - Exar Corporation SP504 Datasheet HTML 9Page - Exar Corporation SP504 Datasheet HTML 10Page - Exar Corporation SP504 Datasheet HTML 11Page - Exar Corporation SP504 Datasheet HTML 12Page - Exar Corporation SP504 Datasheet HTML 13Page - Exar Corporation SP504 Datasheet HTML 14Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
0
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Figure 5. Driver Propagation Delays
Figure 6. Driver Enable and Disable Times
Figure 7. Receiver Propagation Delays
+3V
0V
DRIVER INPUT
B
A
DRIVER
OUTPUT
VO+
DIFFERENTIAL
OUTPUT
V
A - VB
0V
VO
tSKEW
tSKEW
1.5V
1.5V
tPLH
t
R
t
F
f = 1MHz; T
R ≤ 10ns; TF ≤ 10nS
VO 1/2VO
1/2VO
tPHL
+3V
0V
TDECx
5V
VOL
A,B
0V
1.5V
1.5V
tZL
tZH
f = 1MHz; tR< 10ns; tF < 10ns
VOH
A,B
2.3V
2.3V
tLZ
tHZ
0.5V
0.5V
Output normally LOW
Output normally HIGH
VOH
VOL
RECEIVER OUT
1.5V
1.5V
tPHL
f = 1MHz; tR 10ns; tF ≤ 10ns
OUTPUT
VOD2+
VOD2
A – B
0V
0V
tPLH
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com