Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 32 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 32 Page - Exar Corporation

Back Button SP504 Datasheet HTML 24Page - Exar Corporation SP504 Datasheet HTML 25Page - Exar Corporation SP504 Datasheet HTML 26Page - Exar Corporation SP504 Datasheet HTML 27Page - Exar Corporation SP504 Datasheet HTML 28Page - Exar Corporation SP504 Datasheet HTML 29Page - Exar Corporation SP504 Datasheet HTML 30Page - Exar Corporation SP504 Datasheet HTML 31Page - Exar Corporation SP504 Datasheet HTML 32Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
32
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
ORDERING INFORMATION
Model
Temperature Range
Package Types
SP504MCM-L...................................................................... 0°C to +70°C...............................................................................................80–pin LQFP
REVISION HISTORY
DATE
REVISION DESCRIPTION
0-27-04
A
Implemented tracking revision.
7-7-08
.0.0
SP504 is no longer available in MQFP package per PCN 07-02-06a. SP54 is
now only available in LQFP package compliant to RoHS. Changed to Exar data-
sheet format and revision to .0.0.
0/28/08
.0.
Added ESD rating of 500V HBM to electrical characteristics.
2/7/08
.0.2
Add new V.35 Driver output VOD vs. Temperature graph and update figure num-
bers.
Notice
EXAR Corporation reserves the right to make changes to any products contained in this publication in order to improve design, performance or reliabil-
ity. EXAR Corporation assumes no representation that the circuits are free of patent infringement. Charts and schedules contained herein are only for
illustration purposes and may vary depending upon a user's specific application. While the information in this publication has been carefully checked;
no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for
use in such applications unless EXAR Corporation receives, in writting, assurances to its satisfaction that: (a) the risk of injury or damage has been
minimized ; (b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately protected under the circumstances.
Copyright 2008 EXAR Corporation
Datasheet December 2008
Send your Interface technical inquiry with technical details to: uarttechsupport@exar.com
Reproduction, in part or whole, without the prior written consent of EXAR Corporation is prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com