Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 12 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 12 Page - Exar Corporation

Back Button SP504 Datasheet HTML 8Page - Exar Corporation SP504 Datasheet HTML 9Page - Exar Corporation SP504 Datasheet HTML 10Page - Exar Corporation SP504 Datasheet HTML 11Page - Exar Corporation SP504 Datasheet HTML 12Page - Exar Corporation SP504 Datasheet HTML 13Page - Exar Corporation SP504 Datasheet HTML 14Page - Exar Corporation SP504 Datasheet HTML 15Page - Exar Corporation SP504 Datasheet HTML 16Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
2
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
PINOUT…
PIN ASSIGNMENTS…
CLOCK AND DATA GROUP
Pin 1 — RxD — Receive Data; TTL output,
sourced from RD(a) and RD(b) inputs.
Pin 14 — TxD — TTL input ; transmit data
source for SD(a) and SD(b) outputs.
Pin 15 — TxC — Transmit Clock; TTL input
for TT driver outputs.
Pin 20 — RxC — Receive Clock;TTLoutput
sourced from RT(a) and RT(b) inputs.
Pin 22 — ST — Send Timing; TTL input;
source for ST(a) and ST(b) outputs.
Pin 37 — RT(a) — Receive Timing; analog
input, inverted; source for RxC.
Pin 38 — RT(b) — Receive Timing; analog
input, non-inverted; source for RxC.
Pin 42 — ST(a) — Send Timing; analog
output, inverted; sourced from ST.
Pin 44 — ST(b) — Send Timing; analog
output, non-inverted; sourced from ST.
Pin 59 — SD(b) —Analog Out — Send data,
non-inverted; sourced from TxD.
Pin 6 — SD(a) — Analog Out — Send
data, inverted; sourced from TxD.
Pin 63 — TT(a) — Analog Out — Terminal
Timing, inverted; sourced from TxC
Pin 65 — TT(b) — Analog Out — Terminal
Timing, non–inverted; sourced from TxC.
Pin 70 — RD(a) — Receive Data, analog
input; inverted; source for RxD.
Pin 71 — RD(b) — Receive Data; analog
input; non-inverted; source for RxD.
Pin 76 — SCT(a) — Serial Clock Transmit;
analog input, inverted; source for SCT.
Pin 77 — SCT(b) — Serial Clock Transmit:
analog input, non–inverted; source for
SCT
Pin 79 — SCT — Serial Clock Transmit; TTL
output; sources from SCT(a) and SCT(b)
inputs.
CONTROL LINE GROUP
Pin 13 — DTR — Data Terminal Ready; TTL
input; source for TR(a) and TR(b) outputs.
Pin 16 — RTS — Ready To Send; TTL input;
source for RS(a) and RS(b) outputs.
Pin17—RL—RemoteLoopback;TTLinput;
source for RL(a) and RL(b) outputs.
Pin 18 — V35_STAT — V.35 Status; TTL
output; outputs logic high when in V.35
mode.
Pin 19 — DCD— Data Carrier Detect; TTL
output; sourced from RR(a) and RR(b)
inputs.
Pin 21 — RI — Ring Indicate; TTL output;
sourced from IC(a) and IC(b) inputs.
Pin 24 — LL — Local Loopback; TTL input;
source for LL(a) and LL(b) outputs.
Pin 35 — RR(a)— Receiver Ready; analog
input, inverted; source for DCD.
Pin 36 — RR(b)— Receiver Ready; analog
input, non-inverted; source for DCD.
Pin 39 — IC(a)— Incoming Call; analog
input, inverted; source for RI.
RxD 1
RDEC
0 2
RDEC
1 3
RDEC
2 4
RDEC
3 5
TTEN 6
SCTEN 7
N/C 8
TDEC
3
9
TDEC
2 10
TDEC
1 11
TDEC
0 12
DTR 13
TxD 14
TxC 15
RTS 16
RL 17
V35_STAT 18
DCD 19
RxC 20
60 GND
59 SD(b)
58 TR(a)
57 GND
56 TR(b)
55 V
CC
54 RS(a)
53 GND
52 RS(b)
51 LL(a)
50 GND
49 LL(b)
48 V
CC
47 RL(a)
46 GND
45 RL(b)
44 ST(b)
43 GND
42 ST(a)
41 V
CC
SP504



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com