Electronic Components Datasheet Search
  English  ▼

X  

SP504 Datasheet(PDF) 17 Page - Exar Corporation

Part # SP504
Description  WAN Multi-Mode Serial Transceiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP504 Datasheet(HTML) 17 Page - Exar Corporation

Back Button SP504 Datasheet HTML 13Page - Exar Corporation SP504 Datasheet HTML 14Page - Exar Corporation SP504 Datasheet HTML 15Page - Exar Corporation SP504 Datasheet HTML 16Page - Exar Corporation SP504 Datasheet HTML 17Page - Exar Corporation SP504 Datasheet HTML 18Page - Exar Corporation SP504 Datasheet HTML 19Page - Exar Corporation SP504 Datasheet HTML 20Page - Exar Corporation SP504 Datasheet HTML 21Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
7
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP504_02_2708
Receivers
The
SP504 has seven (7) independent re-
ceivers which can be programmed for the
different interface modes. Control for the
mode selection is done via a 4–bit control
word that is independent from the driver
control word. The coding for the drivers and
receiversisidentical.Therefore,ifthemodes
for the drivers and receivers are supposed
to be identical in the application, the control
lines can be tied together.
Like the drivers, the receivers are pre-ar-
ranged for the specific requirements of
the interface. As the operating mode of
the receivers is changed, the electrical
characteristics will change to support the
requirements of clock, data, and control line
receivers. Table 2 shows the mode of each
receiver in the different interface modes that
can be selected.
There are three basic types of receiver cir-
cuits — RS-232, RS-423, and RS-485.
The RS-232 receiver is a single–ended
input with a threshold of 0.8V to 2.4V. The
RS-232 receiver has an operating voltage
range of ±5V and can receive signals up
to 20kbps. The input sensitivity complies
with EIA-RS-232 and V.28 at +3V to -3V.
The input impedance is 3kΩ to 7kΩ. RS-
232 receivers are used in RS-232 mode for
all data, clock and control signals. They
are also used in V.35 mode for control line
signals such as CTS and DSR.
TheRS-423receiversarealsosingle–ended
but have an input threshold as low as
±200mV.Theinputimpedanceisguaranteed
tobegreaterthan4kΩ,withanoperatingvolt-
age range of ±7V. The RS-423 receivers can
operateupto20kbps.RS-423receiversare
usedinRS-449,EIA-530,EIA-530AandV.36
modes as Category II signals as indicated
by their corresponding specifications.
Thethirdtypeofreceiverisadifferentialwhich
supports RS-485. The RS-485 receiver has
aninputimpedanceof15kΩandadifferential
threshold of ±200mV. Since the characteris-
tics of an RS-422 (V.) receiver are actually
subsets of RS-485, the receivers for RS-422
requirements are covered by the RS-485
receivers.
RS-422 receivers are used in RS-449,
EIA-530, EIA-530A and V.36 as Category I
signals for receiving clock, data, and some
controllinesignals. Thedifferentialreceivers
can receive data up to 0Mbps.
The RS-485 receivers are also used for the
V.35mode. Unliketheolderimplementations
of differential or V.35 receivers, the
SP504
contains an internal resistor termination net-
work that ensures a V.35 input impedance of
100Ω (±10Ω) and a short-circuit impedance
of 150Ω (±15Ω). The traditional V.35 imple-
mentations required external termination
resistors to acheive the proper V.35 imped-
ances. The internal network is connected
via low on-resistance FET switches when
the decoder is changed to V.35 mode. The
termination network is transparent when all
other modes are selected. The V.35 receiv-
ers can operate up to 0Mbps.
All receivers include a fail-safe feature that
outputs a logic HIGH when the receiver
inputs are open. For single-ended RS-232
receivers, there are internal 5kΩ pull-down
resistors on the inputs which produces a
logic HIGH ("") at the receiver outputs. The
single-ended RS-423 receivers produce a
logicLOW("0")ontheoutputwhentheinputs
are open. This is due to a pull-up device
connected to the input. The differential re-
ceivershavethesameinternalpull-updevice
on the non-inverting input which produces a
logic HIGH ("") at the receiver output. The
three differential receivers when configured
in V.35 mode (RxD, RxC & SCT) do not have
fail-safe because the internal termination
resistor network is connected.
Decoder
The
SP504 has the ability to change the
interface mode of the drivers or receivers via
an 8–bit switch. The decoder for the drivers
and receivers is not latched; it is merely a
combinational logic switch.
The control word can be externally latched
either HIGH or LOW to write the appropriate
code into the
SP504. The codes shown in
Tables 1 and 2 are the only specified, valid
modes for the
SP504. Undefined codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com