Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 5 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 5 Page - Summit Microelectronics, Inc.

  SMS24 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
2048 2.4. 3/1/01
SMS24
SUMMIT MICROELECTRONICS, Inc.
*COMMENT
Stresses listed under Absolute Maximum Ratings may cause perma-
nent damage to the device.
These are stress ratings only, and
functional operation of the device at these or any other conditions
outside those listed in the operational sections of this specification is not
implied.
Exposure to any absolute maximum rating for extended
periods may affect device performance and reliability.
Temperature Under Bias ....................... -55°C to 125°C
Storage Temperature ............................ -65°C to 150°C
Lead Solder Temperature (10 secs) ................... 300 °C
Terminal Voltage with Respect to GND:
VCC ................................. -0.3V to 6.0V
All Others ........................ -0.3V to 6.0V
DC OPERATING CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS*
(Over Recommended Operating Conditions; Voltages are relative to GND)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
V
C
C
y
l
p
p
u
s
g
n
i
t
a
r
e
p
O
e
g
a
t
l
o
v
t
u
p
t
u
o
#
T
E
S
E
R
d
il
a
V1
5
.
5V
n
o
t
a
r
e
p
o
y
r
o
m
e
M7
.
25
.
5V
I
C
C
t
n
e
r
r
u
c
y
l
p
p
u
S
<
V
6
.
3V
C
C
V
5
.
5
<0
5A
µ
<
V
7
.
2V
C
C
V
6
.
3
<0
2A
µ
s
s
e
c
c
a
y
r
o
m
e
M3
A
µ
V
T
S
R
P
d
l
o
h
s
e
r
h
t
t
e
s
e
r
e
l
b
a
m
m
a
r
g
o
r
P
4
R
R3
R
R2
R
R1
R
R0
R
R
00
00
1
5
7
0
.
25
1
.
25
2
.
2V
00
0
1
0
5
5
.
25
6
.
27
.
2V
00
1
0
0
8
.
29
.
20
.
3V
0
1
000
5
2
.
45
7
3
.
45
.
4V
1
0
000
5
.
45
2
6
.
45
7
.
4V
V
T
V
E
S
N
E
S
d
l
o
h
s
e
r
h
t
t
u
p
n
i3
2
.
15
2
.
17
2
.
1V
V
L
O
V
,
2
#
T
E
S
E
R
,
1
#
T
E
S
E
R
W
O
L
:
#
e
g
a
t
l
o
v
t
u
p
t
u
o
I
K
N
I
S
V
,
A
m
2
.
1
=
C
C
V
=
T
S
R
P
.
n
i
m
3
.
0V
I
K
N
I
S
V
,
A
m
0
0
2
=
C
C
V
2
.
1
=3
.
0V
I
R
M
t
n
e
r
r
u
c
p
u
ll
u
p
#
R
M
0
0
1A
µ
V
L
l
V
n
o
n
o
i
t
c
e
j
e
r
e
s
i
o
N
C
C
3
.
0
× V
C
C
V
V
H
I
o
t
g
n
i
s
s
o
r
c
d
l
o
h
s
e
r
h
t
y
a
l
e
D
t
u
o
T
E
S
E
R
7
.
0
× V
C
C
V
2046 DCElect Table 2.0
RECOMMENDED OPERATING CONDITIONS
Temperature
–40ºC to 85ºC.
Voltage
2.7V to 5.5V
ENDURANCE AND DATA RETENTION
The SMS24 is designed for applications requiring
100,000 erase/write cycles and unlimited read cycles. It
provides 100 years of secure data retention, with or
without power applied, after the execution of 100,000
erase/write cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com