Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
SMS24
2048 2.4. 3/1/01
SUMMIT MICROELECTRONICS, Inc.
Table 4. Device Addressing
s
t
i
B
r
e
i
f
i
t
n
e
d
I
e
c
i
v
e
D
s
s
e
r
d
d
A
y
r
o
m
e
M
W
/
R
0
1
A9
A8
A
d
a
e
R
à
1
e
t
i
r
W
à
0
xxxx
10
10
ß
e
c
i
v
e
D
y
r
o
m
e
M
t
l
u
a
f
e
D
10
1
1
ß
y
r
o
m
e
M
e
t
a
n
r
e
t
l
A
e
c
i
v
e
D
10
0
1
ß
r
e
t
s
i
g
e
R
n
o
i
t
a
r
u
g
i
f
n
o
C
e
c
i
v
e
D
Byte Write
After the slave address is sent an ACKnowledge is gener-
ated and then the balance of the address is transmitted.
Upon receipt of the word address the SMS24 responds
with an ACKnowledge. After receiving the next byte of
data it again responds with an ACKnowledge. The master
then terminates the transfer by generating a STOP condi-
tion, at which time the SMS24 begins the internal write
cycle. While the internal write cycle is in progress the
SMS24 inputs are disabled and the device will not respond
to any requests from the master.
Page Write
The SMS24 is capable of a 16-byte page write operation.
It is initiated in the same manner as the byte-write opera-
tion, but instead of terminating the write cycle after the first
data word, the master can transmit up to 15 more bytes of
data. After the receipt of each byte the SMS24 will respond
with an ACKnowledge. The SMS24 automatically incre-
ments the address for subsequent data words. After the
receipt of each word the low order address bits are
internally incremented by one. The high order bits of the
address byte remain constant. Should the master transmit
more than 16 bytes, prior to generating the STOP condi-
tion, the address counter will rollover, and the previously
written data will be overwritten. As with the byte-write
operation all inputs are disabled during the internal write
cycle.
Acknowledge Polling
When the SMS24 is performing an internal WRITE opera-
tion it will ignore any new START conditions. Since the
device will only return an acknowledge after it accepts the
START, the part can be continuously queried until an
acknowledge is issued, indicating that the internal WRITE
cycle is complete. See the flow diagram for the proper
sequence of operations for polling.
READ OPERATIONS
Read operations are initiated with the R/W bit of the
identification field set to “1.” There are two different read
options: 1. Current Address Byte Read, or 2. Random
Address Byte Read
Current Address Read
The SMS24 contains an internal address counter which
maintains the address of the last word accessed, incre-
mented by one. If the last address accessed (either a read
or write) was to address location n, the next read operation
would access data from address location n+1 and incre-
2046 Table04 2.0
Next
Operation
a Write?
ACK
Returned
Issue
Address
Proceed
With
Write
Await
Next
Command
Issue Stop
Issue Slave
Address and
R/W = 0
Issue Stop
Write Cycle
In Progress
Yes
No
Issue Start
2046 Flow01 1.0
Yes
No
Flow Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com