Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 11 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 11 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 15Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
2048 2.4. 3/1/01
SMS24
SUMMIT MICROELECTRONICS, Inc.
ment the current address pointer. When the SMS24
receives the slave address field with the R/W bit set to “1”
it issues an acknowledge and transmits the 8-bit word
stored at address location n+1. The current address byte
read operation only accesses a single byte of data. The
master does not acknowledge the transfer, but does
generate a stop condition.
At this point the SMS24
discontinues data transmission.
Random Address Read
Random address read operations allow the master to
access any memory location in a random fashion. This
operation involves a two-step process. First, the master
issues a write command which includes the start condition
and the slave address field (with the R/W bit set to WRITE)
followed by the address of the word it is to read. This
procedure sets the internal address counter of the SMS24
to the desired address.
After the word address
acknowlthe R/W bit set to READ. The SMS24 will respond
with an acknowledge and then transmit the 8-data bits
stored at the addressed location. At this point the master
does not acknowledge the transmission but does gener-
ate the stop condition. The SMS24 discontinues data
transmission and reverts to its standby power mode.
Sequential READ
Sequential reads can be initiated as either a current
address READ or random access READ. The first word
is transmitted as with the other byte read modes (current
address byte READ or random address byte READ);
however, the master now responds with an ACKnowl-
edge, indicating that it requires additional data from the
SMS24. The SMS24 continues to output data for each
ACKnowledge received. The master terminates the se-
quential READ operation by not responding with an AC-
Knowledge, and issues a STOP condition.
During a
sequential read operation the internal address counter is
automatically incremented with each ACKnowledge sig-
nal. For read operations all address bits are incremented,
allowing the entire array to be read using a single read
command. After a count of the last memory address the
address counter will rollover and the memory will continue
to output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com