Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 15 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 15 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 18Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
2048 2.4. 3/1/01
SMS24
SUMMIT MICROELECTRONICS, Inc.
Figure 8. System Timing Patterns
VPRST
VCC
1V
RESET#
tPTO
tGLITCH
tRPD
tPTO
VT
VSENSE
1V
VLOW#
<tGLITCH
tRPD
tRPD
tRPD
VT
VSENSE
1V
VLOW#
<tGLITCH
tRPD
tRPD
VSENSE / VLOW Timing Diagram
Device Codes 101 & 110 Only, Overvoltage Option
tPTO
tPWTO
tPTO
tPWTO
tPWTO
<tPWTO
VCC
WDI
or
ACK
RESET#
VPRST
Watchdog Timer Timing Diagram
VPRST
VCC
1V
RESET1#
tPTO
tGLITCH
tRPD
tPTO
RESET2#
MR#
tPTO
Manual Reset Operation Device Code 100 Only
VSENSE / VLOW Timing Diagram
Device Codes 101 & 110 Only, Undervoltage Option
VCC / RESET# Timing Diagram
tMR
2046 Fig08 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com