Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 12 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 12 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 16Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
SMS24
2048 2.4. 3/1/01
SUMMIT MICROELECTRONICS, Inc.
IN-SYSTEM PROGRAMMING THE SMS24
The need for an in-system programming interface for a
supervisory circuit is necessitated by the rapid change to
both board designs (feature upgrades to a common de-
sign core) and the ICs resident on the boards. The SMS24
provides an ideal solution for maintaining currency with
the change in boards and their power supplies as they shift
from generation to generation.
Theory of Operation
The SMS24 can be designed-in with the simple addition of
an inexpensive 9-pin 0.100” centerline header. Summit
supports this configuration with the SMX3199-A program-
mer, and in the future will support this interface with the
SMX3200. Depending upon the end use of the interface,
prototyping vs. field support, the header can be placed
anywhere on the board or as a right angle header at the
back edge of the card (the side pointing outwards from a
card cage).
The basic interface circuit is shown in Figure 3. In order
to clearly illustrate the examples, all additional traces and
series resistors are either bold or outlined in a dashed box.
Notes:
If the device appears to be ignoring attempts to be
programmed ensure the supplied VCC is above the
programmed threshold. If VCC is below the reset
threshold all attempts to write to the device will be
ignored.
If you are writing to the memory array and ‘read-
backs’ show occasional rows not being written check
the watchdog timer. Either disable the watchdog or
insure WDI is being strobed (high to low) at intervals
less than the programmed watchdog time out period.
Figure 3 is a block diagram illustration of the SMS24
configured as device code 110. The comments in bold
italics indicate the programmable options for this code
Supporting the SMS24 is a programming module, the
SMX3199-A. The hardware is a small printed circuit card
that interfaces to a standard PC parallel printer port. A
target programming cable is connected from this to the
user’s card. The software provides an intuitive configura-
tion screen and also a memory test verification screen
(examples of the screens are shown).
SCL
SDA
VLOW#
VCC
WDI
RST#
VSENSE
GND
Device code 110
WDI
SCL
SDA
Board WDI in
Board Serial Bus
1k
Ω
1k
Ω
10k
Ω
10k
Ω
100k
Ω
1k
Ω
2046 Fig03 2.0
Board
RST#
Board
VSENSEIN
Figure 3. Basic Interface Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com