Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 16 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 16 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 18Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
SMS24
2048 2.4. 3/1/01
SUMMIT MICROELECTRONICS, Inc.
AC OPERATING CHARACTERISTICS
Under recommended Operating Conditions
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
t
O
T
P
t
u
o
e
m
i
t
t
e
s
e
r
e
l
b
a
m
m
a
r
g
o
r
P
)
1
e
t
o
N
(
d
o
i
r
e
p
1
T
R0
T
R
00
0
25
20
3s
m
01
5
30
55
6s
m
10
5
60
0
15
3
1s
m
11
0
3
10
0
20
7
2s
m
t
O
T
W
P
g
o
d
h
c
t
a
w
e
l
b
a
m
m
a
r
g
o
r
P
d
o
i
r
e
p
t
u
o
e
m
i
t
r
e
m
i
t
2
D
W1
D
W0
D
W
00
x
f
f
O
01
1
4
.
0s
10
0
8
.
0s
10
1
6
.
1s
11
0
2
.
3s
11
1
4
.
6s
t
R
M
e
s
l
u
p
t
e
s
e
r
l
a
u
n
a
m
m
u
m
i
n
i
M
h
t
d
i
w
0
5s
n
t
H
C
T
I
L
G
V
n
o
n
o
t
c
e
j
e
r
e
s
i
o
N
C
C
0
3s
n
t
D
P
R
o
t
g
n
i
s
s
o
r
c
d
l
o
h
s
e
r
h
t
y
a
l
e
D
t
u
o
T
E
S
E
R
5s
µ
Note 1: Minimum and maximum values for these parameters may change without notice.
2046 ACElect Table 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com