Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMS24 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Characteristics subject to change without notice
2048 2.4. 3/1/01
SMS24
SUMMIT
MICROELECTRONICS, Inc.
©SUMMIT MICROELECTRONICS, Inc., 2001 • 300 Orchard City Dr., Suite 131 • Campbell, CA 95008 • Phone 408-378-6461 • FAX 408-378-6586 • www.summitmicro.com
l User Programmable Device Configuration
l Guaranteed Reset Valid to VCC = 1V
l Immune to Short Negative VCC Transients
l Six Unique Pin Configurations
l User Programmable Feature Options:
w Reset Threshold Voltages
w Reset Pulse Widths
w Programmable Watchdog Timeouts
w Programmable Over- or Under-Voltage Sens-
ing
l High Reliability
w Endurance: 100,000 erase/write cycles
w Data retention: 100 years
Highly Programmble Voltage Supervisory Circuit
FEATURES
DEVICE TYPES
INTRODUCTION
The SMS24 is a configurable and in-system program-
mable second generation 8 pin supervisory circuit. This
single device is adaptable to provide the optimum func-
tionality for a given system or sub-system. User program-
mable functions available — reset pulse width, watchdog
delays, and voltage monitor thresholds — eliminate exter-
nal components and allow standardization to enhance
system reliability. Additionally, 4K bits of general purpose
EEPROM is available on all configurations. The SMS24
is available in six pin configurations, and is compatible with
all Summit programmable devices and other I2C compo-
nents.
Programming of configuration, control and calibration
values by the user can be simplified with the interface
adapter and Windows GUI software obtainable from Sum-
mit Microelectronics.
2048 DTTable 2.1
NC
RESET#
NC
GND
VCC
RESET
SCL
SDA
Device
Code
001
NC
RESET#
NC
GND
VCC
WP
SCL
SDA
Device
Code
010
WDI
RESET#
NC
GND
VCC
RESET
SCL
SDA
Device
Code
011
RESET#2
RESET#1
VSENSE
GND
VCC
MR#
SCL
SDA
Device
Code
100
VLOW#
RESET#
VSENSE
GND
VCC
RESET
SCL
SDA
Device
Code
101
VLOW#
RESET#
VSENSE
GND
VCC
WDI
SCL
SDA
Device
Code
110
2046 DT 1.0
e
c
i
v
e
D
e
d
o
C
n
o
i
t
c
n
u
F
#
t
e
s
e
Rt
e
s
e
Rg
o
d
h
c
t
a
W
e
r
a
w
t
f
o
S
I
D
W
n
i
P
I
D
W
e
t
i
r
W
t
c
e
t
o
r
P
n
i
P
d
n
2
e
g
a
t
l
o
V
r
o
t
i
n
o
M
l
a
u
n
a
M
t
e
s
e
R
t
u
p
n
I
V
N
y
r
o
m
e
M
1
0
0
✔✔✔✔
✔
0
1
0
✔✔
✔✔
✔
1
1
0
✔✔✔
✔
✔
0
0
1
✔✔
✔
✔
✔
1
0
1
✔✔✔✔
✔
✔
0
1
1
✔✔✔✔✔


Similar Part No. - SMS24

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMS24 SEMTECH-SMS24 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
logo
Microsemi Corporation
SMS24 MICROSEMI-SMS24 Datasheet
227Kb / 2P
4 LINE UNIDIRECTIONAL TVSarray
logo
Semtech Corporation
SMS24 SEMTECH-SMS24 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Protek Devices
SMS24 PROTEC-SMS24 Datasheet
707Kb / 8P
MULTI-LINE TVS ARRAY
SMS24 PROTEC-SMS24 Datasheet
710Kb / 8P
MULTI-LINE TVS ARRAY
More results

Similar Description - SMS24

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544 Datasheet
41Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
Summit Microelectronics...
SMS44 SUMMIT-SMS44 Datasheet
408Kb / 16P
Highly Programmble Voltage Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Microsemi Corporation
SG1544 MICROSEMI-SG1544_1 Datasheet
149Kb / 4P
LOW-VOLTAGE SUPERVISORY CIRCUIT
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
ams AG
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
Quad-Voltage Microprocessor Supervisory Circuit
logo
Pericom Semiconductor C...
PT7M7436 PERICOM-PT7M7436 Datasheet
358Kb / 6P
Supervisory Circuit
PT7M6315US PERICOM-PT7M6315US Datasheet
430Kb / 6P
Supervisory Circuit
logo
Analog Devices
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
Quad Voltage Microprocessor Supervisory Circuit
10/10-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com