Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
SMS24
2048 2.4. 3/1/01
SUMMIT MICROELECTRONICS, Inc.
PIN DESCRIPTIONS
RESET#
This signal is an active-low open drain I/O. Whenever the
voltage on VCC is below the programmed threshold volt-
age the RESET# pin will be driven low. After VCC passes
through the threshold (in a positive direction) the RESET#
output will continue to be driven for the programmed time-
out period (tPTO). In most configurations RESET# is also
an input. Whenever it is driven low it will activate the reset
timer. The RESET# output will then be driven low by the
device for the programmed period. If the input pulse is of
shorter duration than tPTO, RESET# will continue to be
driven. If it is longer than tPTO, RESET# will be released
and follow the input back high.
RESET
This signal is an active-high open drain I/O. Whenever the
voltage on VCC is below the programmed threshold volt-
age the RESET pin will be driven high. After VCC passes
through the threshold (in a positive direction) the RESET
output will continue to be driven for the programmed time-
out period. In all configurations using RESET it is also an
input. Whenever it is driven high it will activate the reset
timer. The RESET output will then be driven high by the
device for the programmed period. If the input pulse is of
shorter duration than tPTO, RESET will continue to be
driven. If it is longer than tPTO, RESET will be released and
follow the input back low.
RESET#1 & RESET#2
These signals are active-low open drain outputs (not I/Os).
These outputs are only available to Device Code 100, and
are both set to a low state by any one of three events: VCC
below trip level, VSENSE < 1.25V, or MR# strobed low.
MR#
Manual Reset input is an active low input. Whenever it is
taken low it will generate a reset time-out.
VSENSE
This is a second voltage sense input connected to its own
comparator that has reference of 1.25V. The comparator
can be programmed to activate the VLOW# output either for
an over-voltage or under-voltage condition.
VLOW#
This is an active-low open-drain output that can be wire-
ORed with the RESET# output or tied directly to an
interrupt input.
WDI
This is the Watchdog Interrupt input. Whenever a transi-
tion occurs on WDI the watchdog timer will be cleared. If
the device does not receive an interrupt before tWDTO the
device will drive the reset output(s). The period tWDTO is
programmable for four basic values. It can also be placed
into an idle mode, facilitating system debug, and allowing
a system time to configure itself after a power-on.
WP
This is an auxilliary Write lockout input pin. When held high
no writes will occur.
SCL
The serial interface clock input.
SDA
The serial interface data I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com