Electronic Components Datasheet Search
  English  ▼

X  

SMS24 Datasheet(PDF) 14 Page - Summit Microelectronics, Inc.

Part # SMS24
Description  Highly Programmble Voltage Supervisory Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMS24 Datasheet(HTML) 14 Page - Summit Microelectronics, Inc.

Back Button SMS24 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMS24 Datasheet HTML 18Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
SMS24
2048 2.4. 3/1/01
SUMMIT MICROELECTRONICS, Inc.
Table 5. Memory AC Operating Characteristics
Figure 7. Memory Operating Characteristics
tF
tR
tLOW
tHIGH
tHD:STA
tSU:STA
tBUF
tDH
tHD:DAT
tSU:DAT
tSU:STO
SCL
SDA In
SDA Out
tAA
2046 Fig07 2.0
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C.
n
i
M.
x
a
Ms
t
i
n
U
f
L
C
S
y
c
n
e
u
q
e
r
f
k
c
o
l
c
L
C
S
00
0
1z
H
k
t
W
O
L
d
o
i
r
e
p
w
o
l
k
c
o
l
C
7
.
4s
µ
t
H
G
I
H
d
o
i
r
e
p
h
g
i
h
k
c
o
l
C
0
.
4s
µ
t
F
U
B
e
m
i
t
e
e
r
f
s
u
Bn
o
i
s
s
i
m
s
n
a
r
t
w
e
n
e
r
o
f
e
B7
.
4s
µ
t
A
T
S
:
U
S
e
m
i
t
p
u
t
e
s
n
o
i
t
i
d
n
o
c
t
r
a
t
S
7
.
4s
µ
t
A
T
S
:
D
H
e
m
i
t
d
l
o
h
n
o
i
t
i
d
n
o
c
t
r
a
t
S
0
.
4s
µ
t
O
T
S
:
U
S
e
m
i
t
p
u
t
e
s
n
o
i
t
i
d
n
o
c
p
o
t
S
7
.
4s
µ
t
A
A
t
u
p
t
u
o
d
il
a
v
o
t
e
g
d
e
k
c
o
l
C)
n
e
l
c
y
c
(
A
D
S
d
il
a
v
o
t
w
o
l
L
C
S3
.
05
.
3s
µ
t
H
D
e
m
i
t
d
l
o
h
t
u
O
a
t
a
De
g
n
a
h
c
A
D
S
o
t
)
1
+
n
e
l
c
y
c
(
w
o
l
L
C
S3
.
0s
µ
t
R
e
m
i
t
e
s
i
r
A
D
S
d
n
a
L
C
S
0
0
0
1s
n
t
F
e
m
i
t
ll
a
f
A
D
S
d
n
a
L
C
S
0
0
3s
n
t
T
A
D
:
U
S
e
m
i
t
p
u
t
e
s
n
I
a
t
a
D
0
5
2s
n
t
T
A
D
:
D
H
e
m
i
t
d
l
o
h
n
I
a
t
a
D
0s
n
I
TA
D
S
d
n
a
L
C
S
r
e
t
li
f
e
s
i
o
Nn
o
i
s
s
e
r
p
p
u
s
e
s
i
o
N0
0
1s
n
t
R
W
e
m
i
t
e
l
c
y
c
e
t
i
r
W
5s
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com