Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 24Page - NXP Semiconductors SE97TP Datasheet HTML 25Page - NXP Semiconductors SE97TP Datasheet HTML 26Page - NXP Semiconductors SE97TP Datasheet HTML 27Page - NXP Semiconductors SE97TP Datasheet HTML 28Page - NXP Semiconductors SE97TP Datasheet HTML 29Page - NXP Semiconductors SE97TP Datasheet HTML 30Page - NXP Semiconductors SE97TP Datasheet HTML 31Page - NXP Semiconductors SE97TP Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
28 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
8.4 Temperature format
The temperature data from the temperature read back register is an 11-bit 2’s
complement word with the least significant bit (LSB) equal to 0.125
°C (resolution).
• A value of 019Ch will represent 25.75
°C
• A value of 07C0h will represent 124
°C
• A value of 1E64h will represent
−25.75 °C.
The unused LSB (bit 0) is set to ‘0’. Bit 11 will have a resolution of 128
°C.
The upper 3 bits of the temperature register indicate Trip Status based on the current
temperature, and are not affected by the status of the EVENT output.
Table 14 lists the examples of the content of the temperature data register for positive and
negative temperature for two scenarios of status bits: status bits = 000b and
status bits = 111b.
Table 14.
Degree Celsius and Temperature Data register
Temperature
Content of Temperature Data register
Status bits = 000b
Status bits = 111b
Binary
Hex
Binary
Hex
+125
°C
000 0 01111101 000 0
07D0h
111 0 01111101 000 0
E7D0h
+25
°C
000 0 00011001 000 0
0190h
111 0 00011001 000 0
E190h
+1
°C
000 0 00000001 000 0
0010h
111 0 00000001 000 0
E010h
+0.25
°C
000 0 00000000 010 0
0004h
111 0 00000000 010 0
E004h
+0.125
°C
000 0 00000000 001 0
0002h
111 0 00000000 001 0
E002h
0
°C
000 0 00000000 000 0
0000h
111 0 00000000 000 0
E000h
−0.125 °C
000 1 11111111 111 0
1FFEh
111 1 11111111 111 0
FFFEh
−0.25 °C
000 1 11111111 110 0
1FFCh
111 1 11111111 110 0
FFFCh
−1 °C
000 1 11111111 000 0
1FF0h
111 1 11111111 000 0
FFF0h
−20 °C
000 1 11110100 000 0
1F40h
111 1 11110100 000 0
FF40h
−25 °C
000 1 11100111 000 0
1E70h
111 1 11100111 000 0
FE70h
−55 °C
000 1 11001001 000 0
1C90h
111 1 11001001 000 0
FC90h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com