Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 47 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 47 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 43Page - NXP Semiconductors SE97TP Datasheet HTML 44Page - NXP Semiconductors SE97TP Datasheet HTML 45Page - NXP Semiconductors SE97TP Datasheet HTML 46Page - NXP Semiconductors SE97TP Datasheet HTML 47Page - NXP Semiconductors SE97TP Datasheet HTML 48Page - NXP Semiconductors SE97TP Datasheet HTML 49Page - NXP Semiconductors SE97TP Datasheet HTML 50Page - NXP Semiconductors SE97TP Datasheet HTML 51Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
47 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
Fig 43. Package outline SOT1069-1 (HWSON8)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1069-1
MO-229
sot1069-1_po
08-07-10
09-08-10
Unit
mm
max
nom
min
0.80
0.75
0.70
0.05
0.02
0
0.2
0.30
0.25
0.20
2.1
2.0
1.9
1.6
1.4
1.6
1.4
0.5
0.45
0.35
A(1)
Dimensions
Note
1. Dimension A is including plating thickness. The package footprint is compatible with JEDEC MO229
HWSON8: plastic thermal enhanced very very thin small outline package; no leads;
8 terminals; body 2 x 3 x 0.8 mm
SOT1069-1
A1
A2
0.65
0.55
0.45
A3
bD
D2
E
3.1
3.0
2.9
E2
eK
0.2
Lv
0.1
y
0.05
y1
0.05
0
1
2 mm
scale
B
A
D
E
terminal 1
index area
X
B
A
b
v
C
y1
C
y
(8
×)
detail X
A
A3
A1
A2
terminal 1
index area
D2
e
1/2 e
E2
L
85
14
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com