Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 37 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 33Page - NXP Semiconductors SE97TP Datasheet HTML 34Page - NXP Semiconductors SE97TP Datasheet HTML 35Page - NXP Semiconductors SE97TP Datasheet HTML 36Page - NXP Semiconductors SE97TP Datasheet HTML 37Page - NXP Semiconductors SE97TP Datasheet HTML 38Page - NXP Semiconductors SE97TP Datasheet HTML 39Page - NXP Semiconductors SE97TP Datasheet HTML 40Page - NXP Semiconductors SE97TP Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
37 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
11. Characteristics
Table 28.
SE97 thermal sensor characteristics
VDD = 3.0 V to 3.6 V; Tamb = −40 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tlim(acc)
temperature limit accuracy
B grade; VDD = 3.3 V ± 10 %
Tamb =75 °Cto95 °C
−1.0
<
±0.5
+1.0
°C
Tamb =40 °C to 125 °C
−2.0
<
±1.0
+2.0
°C
Tamb = −40 °C to +125 °C
−3.0
<
±2
+3.0
°C
Tres
temperature resolution
-
0.125
-
°C
Tconv
conversion period
conversion time from STOP bit
to conversion complete
-
100
120
ms
Ef(conv)
conversion rate error
percentage error in
programmed data
−30
-
+30
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com