Electronic Components Datasheet Search
  English  ▼

X  

SE97TP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SE97TP
Description  DDR memory module temp sensor with integrated SPD, 3.3 V
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SE97TP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SE97TP Datasheet HTML 6Page - NXP Semiconductors SE97TP Datasheet HTML 7Page - NXP Semiconductors SE97TP Datasheet HTML 8Page - NXP Semiconductors SE97TP Datasheet HTML 9Page - NXP Semiconductors SE97TP Datasheet HTML 10Page - NXP Semiconductors SE97TP Datasheet HTML 11Page - NXP Semiconductors SE97TP Datasheet HTML 12Page - NXP Semiconductors SE97TP Datasheet HTML 13Page - NXP Semiconductors SE97TP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
SE97_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 August 2009
10 of 53
NXP Semiconductors
SE97
DDR memory module temp sensor with integrated SPD, 3.3 V
– Competitor devices: Compares the Alarm Window with temperature register at any
time, so they get the EVENT output immediately when new Tth(crit) and EVENT
output are set at the same time.
– Work-around: Wait at least 125 ms before enabling EVENT output (EOCTL = 1).
Intel will change Nehalem BIOS so that Tth(crit) is set for more than 125 ms before
EVENT output is enabled and Event value is checked.
1. Set Tth(crit).
2. Doing something else (make sure that exceeds 125 ms).
3. Enable the EVENT output (EOCTL = 1).
4. Wait 20
µs.
5. Read Event value.
– SE97B will compare alarm window and temperature register immediately.
7.3.3 Event operation modes
7.3.3.1
Comparator mode
In comparator mode, the EVENT output behaves like a window-comparator output that
asserts when the temperature is outside the window (e.g., above the value programmed in
the Upper Boundary Alarm Trip register or below the value programmed in the Lower
Boundary Alarm Trip register or above the Critical Alarm Trip resister if Tth(crit) only is
selected). Reads/writes on the registers do not affect the EVENT output in comparator
mode. The EVENT signal remains asserted until the temperature goes inside the alarm
window or the window thresholds are reprogrammed so that the current temperature is
within the alarm window.
The comparator mode is useful for thermostat-type applications, such as turning on a
cooling fan or triggering a system shutdown when the temperature exceeds a safe
operating range.
7.3.3.2
Interrupt mode
In interrupt mode, EVENT asserts whenever the temperature crosses an alarm window
threshold. After such an event occurs, writing a 1 to the Clear EVENT bit (CEVNT) in the
configuration register de-asserts the EVENT output until the next trigger condition occurs.
In interrupt mode, EVENT asserts when the temperature crosses the alarm upper
boundary. If the EVENT output is cleared and the temperature continues to increase until
it crosses the critical temperature threshold, EVENT asserts again. Because the
temperature is greater than the critical temperature threshold, a Clear EVENT command
does not clear the EVENT output. Once the temperature drops below the critical
temperature, EVENT de-asserts immediately.
• Advisory note:
– NXP device: If the EVENT output is not cleared before the temperature goes above
the critical temperature threshold EVENT de-asserts immediately when
temperature drops below the critical temperature.
– Competitor devices: If the EVENT output is not cleared before or when the
temperature is in the critical temperature threshold, EVENT will remain asserted
after the temperature drops below the critical temperature until a Clear EVENT
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com