Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 19Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
23
Preliminary—Subject to Change Without Notice
3.3.2
DDR2 I/O DC Parameters
The parameters in Table 14 are guaranteed per the operating ranges in Table 8, unless otherwise noted.
3.3.3
Low Voltage I/O (LVIO) DC Parameters
The parameters in Table 15 are guaranteed per the operating ranges in Table 8, unless otherwise noted.
Table 14. DDR2 I/O DC Electrical Parameters
Parameters
Symbol
Test Conditions
Min
Max
Unit
High-level output voltage
Voh
—
OVDD – 0.28
—
V
Low-level output voltage
Vol
—
—
0.28
V
Output minimum Source Current
Ioh
OVDD=1.7V Vout=1.42V –13.4
—
mA
Output min Sink Current
Iol
OVDD=1.7V Vout=0.28V 13.4
—
mA
DC input Logic High
VIH
—
OVDD/2+0.125 OVDD+0.3
V
DC input Logic Low
VIL
—
–0.3
OVDD/2–0.125 V
Input voltage range of each differential input
Vin
—
–0.3
OVDD+0.3
V
Differential input voltage required for switching
Vid
—
0.25
OVDD+0.6
V
Termination Voltage
Vtt
Vtt tracking OVDD/2
OVDD/2 – 0.04 OVDD/2 + 0.04 V
Input current (no pull-up/down)
Iin
VI = 0
VI=OVDD
—
—
TBD
TBD
µA
Table 15. LVIO DC Electrical Characteristics
DC Electrical Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
Voh
Iout = –1 mA
OVDD–0.15
—
—
V
Low-level output voltage
Vol
Iout = 1 mA
—
—
0.15
V
High-level output current
I
Ioh
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
Max Drive
–2.1
–4.2
–6.3
–8.4
——
mA
Low-level output current
I
Iol
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
Max Drive
2.1
4.2
6.3
8.4
——
mA
High-Level DC input voltage1
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage1
VIL
—
0
—
0.3
× OVDD
V
Input Hysteresis
VHYS
OVDD = 1.875
OVDD = 2.775
0.35
0.62
1.27
—V
Schmitt trigger VT+1, 2
VT+
—
0.5
× OVDD
—
—
V
Schmitt trigger VT–1, 2
VT–
—
—
—
0.5
× OVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com