Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  IMX51 Datasheet HTML 1Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 2Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 3Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 4Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 5Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 6Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 7Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 8Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
4
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Introduction
1.2
Block Diagram
Figure 1 shows the functional modules of the processor.
Figure 1. Functional Block Diagram
Application Processor Domain (AP)
External
Memory I/F
Smart DMA
(SDMA)
SDMA Peripherals
AP Peripherals
ARM Cortex A8
Internal
RAM
DDR
Memory
NOR/Nand
Flash
ARM Cortex A8
L1 I/D cache
SSI
eSDHC (4)
SPBA
eCSPI (1 of 2)
UART
SIM
Camera 1
Platform
P-ATA
Bluetooth
WLAN
USB-OTG
MMC/SDIO
Keypad
Neon and VFP
L2 cache
ETM, CTI0,1
XVR
JTAG
IrDA
XVR
Access.
Conn.
Video
LCD Display 2
LCD Display 1
Camera 2
Proc. Unit
(VPU)
Timers
CSPI
UART (3)
GPT
PWM (2)
EPIT (2)
GPIOx32 (4)
WDOG (2)
1-WIRE
I
2C(2),HSI2C
IOMUXC
IIM
AUDMUX
KPP
SJC
Boot
ROM
SSI (3)
RTIC
SCC
SRTC
CSU
Fuse Box
Clock and Reset
PLL (3)
CCM
GPC
SRC
Debug
DAP
TPIU
Graphics
TV Encoder
FIRI
Memory
SAHARA
Lite
Security
TZIC
USB PHY
SPDIF Tx
Image Processing
Subsystem
Battery Ctrl
Device
USB
Dev/Host
USB OTG +
3 HS Ports
Digital
Audio
ATA HDD
CTI (2)
eCSPI (2)
XTALOSC
(128 Kbytes)
(128 Kbytes)
CAMP (2)
FEC
3D Graphics
Proc Unit
(GPU)
2D Graphics
Proc Unit
(GPU2D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com