Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 63 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 63 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 59Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 60Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 61Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 62Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 63Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 64Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 65Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 67Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 184 page
background image
Electrical Characteristics
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
Freescale Semiconductor
63
Preliminary—Subject to Change Without Notice
3.7.2
eCSPI Timing Parameters
This section describes the timing parameters of the eCSPI. The eCSPI has separate timing parameters for
master and slave modes. The nomenclature used with the CSPI modules and the respective routing of these
signals is shown in Table 51 on page 61.
3.7.2.1
eCSPI Master Mode Timing
Figure 35 depicts the timing of eCSPI in Master mode and Table 52 lists the eCSPI Master Mode timing
characteristics.
Figure 37. eCSPI Master Mode Timing Diagram
Table 54. eCSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
eCSPIx_CLK Cycle Time–Read
eCSPIx_CLK Cycle Time–Write
tclk
60
15
—ns
CS2
eCSPIx_CLK High or Low Time
tSW
6—
ns
CS3
eCSPIx_CLK Rise or Fall
tRISE/FALL
——
ns
CS4
eCSPIx_CS_x pulse width
tCSLH
15
—
ns
CS5
eCSPIx_CS_x Lead Time (CS setup time)
tSCS
5—
ns
CS6
eCSPIx_CS_x Lag Time (CS hold time)
tHCS
5—
ns
CS7
eCSPIx_DO Setup Time
tSmosi
5—
ns
CS8
eCSPIx_DO Hold Time
tHmosi
5—
ns
CS9
eCSPIx_DI Setup Time
tSmiso
5—
ns
CS10
eCSPIx_DI Hold Time
tHmiso
5—
ns
CS11
eCSPIx_DRYN Setup Time
tSDRY
5—
ns
CS1
CS7 CS8
CS2
CS2
CS4
CS6
CS5
CS9 CS10
eCSPIx_CLK
eCSPIx_CS_x
eCSPIx_DO
eCSPIx_DI
eCSPIx_DRYN1
CS11
CS3
CS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com