Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 66Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 67Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 68Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 69Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 70Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 71Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 72Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 73Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
70
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.7.6.1
Standard and Fast Mode Timing Parameters
Figure 44 depicts the standard and fast mode timings of HS-I2C module, and Table 62 lists the timing
characteristics.
Figure 44. HS-I2C Standard and Fast Mode Bus Timing
Table 62. HS-I2C Timing Parameters—Standard and Fast Mode
ID
Parameter
Standard Mode
Fast Mode
Unit
Min
Max
Min
Max
IC1
SCLH cycle time
10
—
2.5
—
µs
IC2
Hold time (repeated) START condition
4.0
—
0.6
—
µs
IC3
Set-up time for STOP condition
4.0
—
0.6
—
µs
IC4
Data hold time
01
1 A device must internally provide a hold time of at least 300 ns for SDAH signal in order to bridge the undefined region of the
falling edge of SCLH.
3.452
2 The maximum hold time has only to be met if the device does not stretch the LOW period (ID no IC6) of the SCLH signal
01
0.92
µs
IC5
HIGH Period of SCLH Clock
4.0
—
0.6
—
µs
IC6
LOW Period of the SCLH Clock
4.7
—
1.3
—
µs
IC7
Set-up time for a repeated START condition
4.7
—
0.6
—
µs
IC8
Data set-up time
250
—
1003
3 A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement of Set-up time (ID No IC8)
of 250 ns must then be met. This automatically is the case if the device does not stretch the LOW period of the SCLH signal.
If such a device does stretch the LOW period of the SCLH signal, it must output the next data bit to the SDAH line max_rise_time
(ID No IC10) + data_setup_time (ID No IC8) = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus specification)
before the SCLH line is released.
—ns
IC9
Bus free time between a STOP and START condition
4.7
—
1.3
—
µs
IC10
Rise time of both SDAH and SCLH signals
—
1000
20+0.1Cb
4
4 C
b = total capacitance of one bus line in pF.
300
ns
IC11
Fall time of both SDAH and SCLH signals
—
300
20+0.1Cb
4
300
ns
IC12
Capacitive load for each bus line (Cb)
—
100
—
100
pF
IC10
IC11
IC9
IC2
IC8
IC4
IC7
IC3
IC6
IC10
IC5
IC11
START
STOP
START
START
SDAH
SCLH
IC1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com