Electronic Components Datasheet Search
  English  ▼

X  

IMX51 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # IMX51
Description  i.MX51 Applications Processors for Consumer and Industrial Products
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX51 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button IMX51 Datasheet HTML 20Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 21Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 22Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 23Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 24Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 25Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 26Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 27Page - Freescale Semiconductor, Inc IMX51 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 184 page
background image
i.MX51 Applications Processors for Consumer and Industrial Products, Rev. 1
24
Freescale Semiconductor
Preliminary—Subject to Change Without Notice
Electrical Characteristics
3.3.4
Ultra-High Voltage I/O (UHVIO) DC Parameters
The parameters in Table 16 are guaranteed per the operating ranges in Table 8, unless otherwise noted.
Input current (no pull-up/down)
IIN
VI = 0 or OVDD
—
—
TBD
μA
Input current (22 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
16
TBD
μA
Input current (47 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
76
TBD
μA
Input current (100 k
Ω Pull-up)
IIN
VI = 0
VI = OVDD
——
36
TBD
μA
Input current (100 k
Ω Pull-down)
IIN
VI = 0
VI = OVDD
——
TBD
36
μA
Keeper Circuit Resistance
—
OVDD = 1.875V
OVDD = 2.775V
—
—
22
17
—
—
k
Ω
1 To maintain a valid level, the transition edge of the input must sustain a constant slew rate (monotonic) from the current DC
level through to the target DC level, VIL or VIH. Monotonic input transition time is from 0.1 ns to 1 s.
2 Hysteresis of 250 mV is guaranteed over all operating conditions when hysteresis is enabled.
Table 16. UHVIO DC Electrical Characteristics1
DC Electrical Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit
High-level output voltage
Voh
Iout = –1mA
OVDD–0.15
—
—
V
Low-level output voltage
Vol
Iout = 1mA
—
—
0.15
V
High-level output current, low voltage mode
Ioh_lv
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
–2.2
–4.4
–6.6
——
mA
High-level output current, high voltage mode
Ioh_hv
Vout = 0.8
× OVDD
Low Drive
Medium Drive
High Drive
–5.1
–10.2
–15.3
——
mA
Low-level output current, low voltage mode
Iol_lv
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
2.2
4.4
6.6
——
mA
Low-level output current, high voltage mode
Iol_hv
Vout = 0.2
× OVDD
Low Drive
Medium Drive
High Drive
5.1
10.2
15.3
——
mA
High-Level DC input voltage2,3
VIH
—
0.7
× OVDD
—
OVDD
V
Low-Level DC input voltage2,3
VIL
—
0
—
0.3
× OVDD
V
Table 15. LVIO DC Electrical Characteristics (continued)
DC Electrical Characteristics
Symbol
Test Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com